Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB2X Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP47FVB2X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB2X Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP47FVB2X Datasheet HTML 48Page - Microchip Technology MCP47FVB2X Datasheet HTML 49Page - Microchip Technology MCP47FVB2X Datasheet HTML 50Page - Microchip Technology MCP47FVB2X Datasheet HTML 51Page - Microchip Technology MCP47FVB2X Datasheet HTML 52Page - Microchip Technology MCP47FVB2X Datasheet HTML 53Page - Microchip Technology MCP47FVB2X Datasheet HTML 54Page - Microchip Technology MCP47FVB2X Datasheet HTML 55Page - Microchip Technology MCP47FVB2X Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
MCP47FVBXX
DS20005405A-page 52
 2015 Microchip Technology Inc.
7.1
Write Command
(Normal and High-Voltage)
Write
commands are used to transfer data to the
desired memory location (from the Host controller). The
Write
command can be issued to the Volatile memory
locations.
Write
commands can be structured as either Single or
Continuous. The continuous format allows the fastest
data update rate for the devices memory locations.
The format of the command is shown in Figure 7-1
(Single) and Figure 7-3 (Continuous). For example
ACK/NACK behavior see Figure 7-2.
A Write command to a volatile memory location
changes that location after a properly formatted Write
command and the A/A clock has been received.
7.1.1
SINGLE WRITE TO VOLATILE
MEMORY
For volatile memory locations, data is written to the
MCP47FVBXX after every data word transfer (during
the Acknowledge). If a Stop or Restart condition is
generated during a data transfer (before the A), the
data will not be written to the MCP47FVBXX. After the
A bit, the master can initiate the next sequence with a
Stop or Restart condition.
Refer to Figure 7-1 for the byte write sequence.
FIGURE 7-1:
Write Random Address Command.
Note 1:
During device communication, if the
Device Address/Command combination
is invalid or an unimplemented Device
Address
is
specified,
then
the
MCP47FVBXX will NACK that byte. To
reset the I2C state machine, the
I2C communication must detect a Start
bit.
Control Byte
WRITE Command
SA
S0
AD
AD AD AD AD
A0 0
x A
1
2
3
4
I2C™ Slave Address
Memory Address Command
Write bit
Reserved
0
Write Data
A
D
DD DD
DD D AP
Write “Data” bits
00
01
02
03
04
05
06
07
D
D DDD
D D D
08
09
10
11
12
13
14
15
6
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
Start bit
ACK bit (1)
ACK bit (1, 2)
ACK bit (1)
ACK bit (1, 2)
Stop bit (2)
Note 1:
The Acknowledge bit is generated by the MCP47FVBXX.
2:
At the falling edge of the SCL pin for the Write command ACK bit, the MCP47FVBXX device updates the
value of the specified device register.
3:
This command sequence does not need to terminate (using the Stop bit), and the Write command can
be repeated (see continuous write format, Section 7.1.2 “Continuous Writes to Volatile Memory”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com