Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3462 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 2Page - Microchip Technology MCP3462 Datasheet HTML 3Page - Microchip Technology MCP3462 Datasheet HTML 4Page - Microchip Technology MCP3462 Datasheet HTML 5Page - Microchip Technology MCP3462 Datasheet HTML 6Page - Microchip Technology MCP3462 Datasheet HTML 7Page - Microchip Technology MCP3462 Datasheet HTML 8Page - Microchip Technology MCP3462 Datasheet HTML 9Page - Microchip Technology MCP3462 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
MCP3461/2/4
DS20006180D-page 6
 2019-2021 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7V to 3.6V,
DVDD = 1.8V to AVDD + 0.1V, MCLK = 4.9152 MHz, VREF =AVDD, ADC_MODE[1:0] = 11. All other register map bits to their
default conditions. TA = -40°C to +125°C, VIN = -0.5 dBFS at 50 Hz.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Supply Requirements
Operating Voltage, Analog
AVDD
2.7
—
3.6
V
Operating Voltage, Digital
DVDD
1.8
—
AVDD +0.1
V
DVDD ≤ 3.6V
Operating Current, Analog
AIDD
—
0.56
0.81
mA
BOOST[1:0] = 00, 0.5x
—
0.69
0.96
mA
BOOST[1:0] = 01, 0.66x
—
0.93
1.3
mA
BOOST[1:0] = 10, 1x
—
1.65
2.2
mA
BOOST[1:0] = 11, 2x
Operating Current, Digital
DIDD
—
0.25
0.37
mA
Note 8
Analog Partial Shutdown
Current
AIDDS_PS
——
22
µA
Digital Partial Shutdown
Current
DIDDS_PS
——
158
µA
Analog Full Shutdown
Current
AIDDS_FS
—
—
0.83
µA
CONFIG0 = 0x00,
TA = +105°C,
MCLK input in Idle mode
(
Note 2)
Analog Full Shutdown
Current
AIDDS_FS
——
1.1
µA
CONFIG0 = 0x00,
TA = +125°C,
MCLK input in Idle mode
Digital Full Shutdown
Current
DIDDS_FS
——
2.4
µA
CONFIG0 = 0x00,
TA = +105°C,
MCLK input in Idle mode
(
Note 2)
Digital Full Shutdown
Current
DIDDS_FS
——
5
µA
CONFIG0 = 0x00,
TA = +125°C,
MCLK input in Idle mode
Power-on Reset Threshold
Voltage
VPOR_A
—
1.75
—
V
For analog circuits
VPOR_D
—
1.2
—
V
For digital circuits
POR Hysteresis
VPOR_HYS
—
150
—
mV
POR Reset Time
tPOR
—1
—
µs
Note 1:
This parameter is ensured by design and not 100% tested.
2:
This parameter is ensured by characterization and not 100% tested.
3:
REFIN- should be connected to ground for single-ended measurements.
4:
Full Scale Range (FSR) = 2 * VREF/GAIN.
5:
This input impedance is due to the internal input sampling capacitor and frequency. This impedance is measured
between the two input pins of the channel selected with the input multiplexer.
6:
Applies to all analog gains. Offset and gain errors depend on gain settings. See
Section 2.0 “Typical
Performance Curves”.
7:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
8:
DIDD is measured while no transfer is present on the SPI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com