Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3462 Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 75Page - Microchip Technology MCP3462 Datasheet HTML 76Page - Microchip Technology MCP3462 Datasheet HTML 77Page - Microchip Technology MCP3462 Datasheet HTML 78Page - Microchip Technology MCP3462 Datasheet HTML 79Page - Microchip Technology MCP3462 Datasheet HTML 80Page - Microchip Technology MCP3462 Datasheet HTML 81Page - Microchip Technology MCP3462 Datasheet HTML 82Page - Microchip Technology MCP3462 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 79
MCP3461/2/4
Figure 7-6 shows an example of a power supply
schematic with separate DVDD and AVDD. A high-current
LDO (MCP1825) was used for the DVDD line in order to
be able to power the MCU and other peripherals
attached to the MCU. A high PSRR LDO is used
(MCP1754) for the AVDD that goes to the ADC and a few
other components sensitive to noise. The NET tie is
used to separate DGND from AGND.
FIGURE 7-5:
Separating Digital and
Analog Ground by Using a Star Connection.
FIGURE 7-6:
Power Supply with Separate Lines for Analog and Digital Sections. Note the “Net Tie”
Object that Represents the Star Ground Connection.
FIGURE 7-7:
Separation of Analog and
Digital Circuits on Layout.
When remote sensors are used to reduce sensitivity to
external influences, such as EMI, the wires that
connect the sensor to the ADC should form a twisted
pair. Ferrite beads can be used between the digital and
analog ground planes to keep high-frequency noise
from entering the device. The ferrite bead is
recommended to be low resistance.
VA
VD
MCU
“Star” Point
IA
ID
ID
IA
AVDD DVDD
AGND DGND
D-=
A-=
0.1 μF
MCP346x
0.1 μF
C
GND
GND
GND
GND
+5V USB
GNDA
+9V IN
Power Jack 2.5mm
2
3
1
J10
MRA4005
D1
9V
0.1 F
0603
C11
0.1 F
0603
C10
GND
3.3A
3.3D
GNDA
GNDA
0.1 F
0603
C12
MCP1754-3.3V
VOUT 3
VIN
1
U3
GND
LM1117-5V
VIN
3
VOUT 2
U4
MCP1825S-3.3V
VOUT 3
VIN
1
U2
5V
GND
Net Tie
GND
GNDA
10uF
TANT-B
C15
10 F
TANT-B
C44
10 F
TANT-B
C13
10 F
TANT-B
C45
GND
J9
5V_USB
0.1 F
0603
C14
GNDA
1
17
2
3
4
5
67
8 9 10
15
14
13
12
11
20 19 18
16
CH0
CH1
SCK
CS
SDO
EP
21
REFIN-
CH2
REFIN+
SDI
IRQ/MDAT
ANALOG
DIGITAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com