| Electronic Components Datasheet Search |
|
MCP4451 Datasheet(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4451 Datasheet(HTML) 48 Page - Microchip Technology |
|
48 / 100 page ![]() MCP444X/446X DS22265A-page 48 © 2010 Microchip Technology Inc. REGISTER 4-3: TCON1 BITS (1) R-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 D8 R3HW R3A R3W R3B R2HW R2A R2W R2B bit 8 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 8 D8: Reserved. Forced to “1” bit 7 R3HW: Resistor 3 Hardware Configuration Control bit This bit forces Resistor 3 into the “shutdown” configuration of the Hardware pin 1 = Resistor 3 is NOT forced to the hardware pin “shutdown” configuration 0 = Resistor 3 is forced to the hardware pin “shutdown” configuration bit 6 R3A: Resistor 3 Terminal A (P3A pin) Connect Control bit This bit connects/disconnects the Resistor 3 Terminal A to the Resistor 3 Network 1 = P3A pin is connected to the Resistor 3 Network 0 = P3A pin is disconnected from the Resistor 3 Network bit 5 R3W: Resistor 3 Wiper (P3W pin) Connect Control bit This bit connects/disconnects the Resistor 3 Wiper to the Resistor 3 Network 1 = P3W pin is connected to the Resistor 3 Network 0 = P3W pin is disconnected from the Resistor 3 Network bit 4 R3B: Resistor 3 Terminal B (P3B pin) Connect Control bit This bit connects/disconnects the Resistor 3 Terminal B to the Resistor 3 Network 1 = P3B pin is connected to the Resistor 3 Network 0 = P3B pin is disconnected from the Resistor 3 Network bit 3 R2HW: Resistor 2 Hardware Configuration Control bit This bit forces Resistor 2 into the “shutdown” configuration of the Hardware pin 1 = Resistor 2 is NOT forced to the hardware pin “shutdown” configuration 0 = Resistor 2 is forced to the hardware pin “shutdown” configuration bit 2 R2A: Resistor 2 Terminal A (P0A pin) Connect Control bit This bit connects/disconnects the Resistor 2 Terminal A to the Resistor 2 Network 1 = P2A pin is connected to the Resistor 2 Network 0 = P2A pin is disconnected from the Resistor 2 Network bit 1 R2W: Resistor 2 Wiper (P0W pin) Connect Control bit This bit connects/disconnects the Resistor 2 Wiper to the Resistor 2 Network 1 = P2W pin is connected to the Resistor 2 Network 0 = P2W pin is disconnected from the Resistor 2 Network bit 0 R2B: Resistor 2 Terminal B (P2B pin) Connect Control bit This bit connects/disconnects the Resistor 2 Terminal B to the Resistor 2 Network 1 = P2B pin is connected to the Resistor 2 Network 0 = P2B pin is disconnected from the Resistor 2 Network Note 1: These bits do not affect the wiper register values. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |