| Electronic Components Datasheet Search |
|
MCP4451 Datasheet(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4451 Datasheet(HTML) 92 Page - Microchip Technology |
|
92 / 100 page ![]() MCP444X/446X DS22265A-page 92 © 2010 Microchip Technology Inc. Figure B-3 and Figure B-4 show the wiper resistance for VDD voltages of 5.5, 3.0, 1.8 Volts. These graphs show that as the resistor ladder wiper node voltage (VWCn) approaches the VDD/2 voltage, the wiper resistance increases. These graphs also show the different resistance characteristics of the NMOS and PMOS transistors that make up the wiper switch. This is demonstrated by the wiper code resistance curve, which does not mirror itself around the mid-scale code (wiper code = 128). So why are the RW graphs showing the maximum resistance at about mid-scale (wiper code = 128) and the RBW graphs showing the issue at code 160? This requires understanding low-voltage transistor characteristics as well as how the data was measured. FIGURE B-3: Wiper Resistance (RW) vs. Wiper Code and Temperature (VDD = 5.5V, IW = 900 µA; VDD = 3.0V, IW = 480 µA). FIGURE B-4: Wiper Resistance (RW) vs. Wiper Code and Temperature (VDD = 1.8V, IW = 260 µA). The method in which the data was collected is important to understand. Figure B-5 shows the technique that was used to measure the RBW and RW resistance. In this technique, Terminal A is floating and Terminal B is connected to ground. A fixed current is then forced into the wiper (IW) and the corresponding wiper voltage (VW) is measured. Forcing a known current through RBW (IW) and then measuring the voltage difference between the wiper (VW) and Terminal A (VA), the wiper resistance (RW) can be calculated, see Figure B-5. Changes in IW current will change the wiper voltage (VW). This may affect the device’s wiper resistance (RW). FIGURE B-5: RBW and RW Measurement. Figure B-6 shows a block diagram of the resistor network where the RAB resistor is a series of 256 RS resistors. These resistors are polysilicon devices. Each wiper switch is an analog switch made up of an NMOS and PMOS transistor. A more detailed figure of the wiper switch is shown in Figure B-7. The wiper resistance is influenced by the voltage on the wiper switches nodes (VG, VW and VWCn). Temperature also influences the characteristics of the wiper switch, see Figure B-4. The NMOS transistor and PMOS transistor have different characteristics. These characteristics, as well as the wiper switch node voltages, determine the RW resistance at each wiper code. The variation of each wiper switch’s characteristics in the resistor network is greater then the variation of the RS resistors. The voltage on the resistor network node (VWCn) is dependent upon the wiper code selected and the voltages applied to VA, VB and VW. The wiper switch VG voltage to VW or VWCn voltage determines how strongly the transistor is turned on. When the transistor is weakly turned on, the wiper resistance RW will be high. When the transistor is strongly turned on, the wiper resistance (RW) will be in the typical range. 20 40 60 80 100 120 140 160 180 200 220 0 64 128 192 256 Wiper Code -40C @ 3.0V +25C @ 3.0V +85C @ 3.0V +125C @ 3.0V -40C @5.5V +25C @ 5.5V +85C @ 5.5V +125C @ 5.5V 20 520 1020 1520 2020 0 64 128 192 256 Wiper Code -40C @ 1.8V +25C @ 1.8V +85C @ 1.8V +125C @ 1.8V A B W IW VW floating RBW = VW/IW VA VB RW = (VW-VA)/IW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |