| Electronic Components Datasheet Search |
|
MCP4451 Datasheet(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4451 Datasheet(HTML) 67 Page - Microchip Technology |
|
67 / 100 page ![]() © 2010 Microchip Technology Inc. DS22265A-page 67 MCP444X/446X FIGURE 7-4: I2C Read (Last Memory Address Accessed). FIGURE 7-5: I2C Random Read. STOP bit Control Byte 1 010 S 1 A1 A0 1 A Fixed Address Variable Address Read bits P 0 000 0 0 0 D8 A1 Read bit D3 D7 D6 D5 D4 D2 D1 D0 A2 Read Data bits Note 1: Master Device is responsible for A / A signal. If a A signal occurs, the MCP44XX will abort this transfer and release the bus. 2: The Master Device will Not Acknowledge, and the MCP44XX will release the bus so the Master Device can generate a Stop or Repeated Start condition. 3: The MCP44XX retains the last “Device Memory Address” that it has received. This is the MCP44XX does not “corrupt” the “Device Memory Address” after Repeated Start or Stop conditions. 4: The Device Memory Address pointer defaults to 00h on POR and BOR conditions. STOP bit Control Byte READ Command 1 01 0 S 1 A1 A0 0 1 AD AD AD AD A1 x X A Sr 0 1 2 3 Fixed Address Variable Address Device Memory Address Command Control Byte Read bits P 0 00 0 0 0 0 D8 A1 Write bit D3 D7 D6 D5 D4 D2 D1 D0 A2 1 0 1 0 1 A1 A0 1 A Read bit Repeated Start bit Read Data bits Note 1: Master Device is responsible for A / A signal. If a A signal occurs, the MCP44XX will abort this transfer and release the bus. 2: The Master Device will Not Acknowledge, and the MCP44XX will release the bus so the Mas- ter Device can generate a Stop or Repeated Start condition. 3: The MCP44XX retains the last “Device Memory Address” that it has received. This is the MCP44XX does not “corrupt” the “Device Memory Address” after Repeated Start or Stop conditions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |