| Electronic Components Datasheet Search |
|
MCP4451 Datasheet(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4451 Datasheet(HTML) 5 Page - Microchip Technology |
|
5 / 100 page ![]() © 2010 Microchip Technology Inc. DS22265A-page 5 MCP444X/446X Resistance (± 20%) RAB 4.0 5 6.0 k Ω -502 devices (Note 1) 8.0 10 12.0 k Ω -103 devices (Note 1) 40.0 50 60.0 k Ω -503 devices (Note 1) 80.0 100 120.0 k Ω -104 devices (Note 1) Resolution N 257 Taps 8-bit No Missing Codes 129 Taps 7-bit No Missing Codes Step Resistance RS —RAB / (256) — Ω 8-bit Note 6 —RAB / (128) — Ω 7-bit Note 6 Nominal Resistance Match (| RABWC - RABMEAN |) / RABMEAN — 0.2 1.50 % 5 k Ω MCP44X1 devices only — 0.2 1.25 % 10 k Ω —0.2 1.0 % 50 k Ω — 0.2 1.0 % 100 k Ω (| RBWWC - RBWMEAN |) / RBWMEAN —0.25 1.75 % 5 k Ω Code = Full Scale —0.25 1.50 % 10 k Ω —0.25 1.25 % 50 k Ω — 0.25 1.25 % 100 k Ω Wiper Resistance (Note 3, Note 4) RW — 75 160 Ω VDD = 5.5 V, IW = 2.0 mA, code = 00h — 75 300 Ω VDD = 2.7 V, IW = 2.0 mA, code = 00h Nominal Resistance Tempco ΔRAB/ΔT— 50 — ppm/°C TA = -20°C to +70°C —100 — ppm/°C TA = -40°C to +85°C —150 — ppm/°C TA = -40°C to +125°C Ratiometeric Tempco ΔVWB/ΔT — 15 — ppm/°C Code = Midscale (80h or 40h) Resistance Tracking ΔRTRACK Section 2.0 ppm/°C See Typical Performance Curves AC/DC CHARACTERISTICS (CONTINUED) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ TA ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions Note 1: Resistance is defined as the resistance between terminal A to terminal B. 2: INL and DNL are measured at VW with VA = VDD and VB = VSS. 3: MCP44X1 only. 4: MCP44X2 only, includes VWZSE and VWFSE. 5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted. 6: This specification by design. 7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. 8: The MCP44X1 is externally connected to match the configurations of the MCP44X2, and then tested. 9: POR/BOR is not rate dependent. 10: Supply current is independent of current through the resistor network. 11: When HVC/A0 = VIHH, the IDD current is less due to current into the HVC/A0 pin. See IPU specification. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |