| Electronic Components Datasheet Search |
|
MCP4451 Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4451 Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 100 page ![]() MCP444X/446X DS22265A-page 6 © 2010 Microchip Technology Inc. Resistor Terminal Input Voltage Range (Terminals A, B and W) VA,VW,VB Vss — VDD V Note 5, Note 6 Maximum current through A, W or B (Note 6) IW — — 2.5 mA Terminal A IAW, W = Full Scale (FS) — — 2.5 mA Terminal B IBW, W = Zero Scale (ZS) — — 2.5 mA Terminal W IAW (W = FS) or IBW (W = ZS) Maximum RAB current (IAB) (Note 6) IAB —— 1.38 mA VB = 0V, VA = 5.5V, RAB(MIN) = 4000Ω — — 0.688 mA VB = 0V, VA = 5.5V, RAB(MIN) = 8000Ω — — 0.138 mA VB = 0V, VA = 5.5V, RAB(MIN) = 40000Ω — — 0.069 mA VB = 0V, VA = 5.5V, RAB(MIN) = 80000Ω Leakage current into A, W or B IWL —100 — nA MCP44X1 PxA = PxW = PxB = VSS —100 — nA MCP44X2 PxB = PxW = VSS — 100 — nA Terminals Disconnected (R0A = R0W = R0B = 0; R1A = R1W = R1B = 0; R2A = R2W = R2B = 0; R3A = R3W = R3B = 0) AC/DC CHARACTERISTICS (CONTINUED) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C ≤ TA ≤ +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions Note 1: Resistance is defined as the resistance between terminal A to terminal B. 2: INL and DNL are measured at VW with VA = VDD and VB = VSS. 3: MCP44X1 only. 4: MCP44X2 only, includes VWZSE and VWFSE. 5: Resistor terminals A, W and B’s polarity with respect to each other is not restricted. 6: This specification by design. 7: Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. 8: The MCP44X1 is externally connected to match the configurations of the MCP44X2, and then tested. 9: POR/BOR is not rate dependent. 10: Supply current is independent of current through the resistor network. 11: When HVC/A0 = VIHH, the IDD current is less due to current into the HVC/A0 pin. See IPU specification. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |