Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4451 Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP4451
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4451 Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP4451 Datasheet HTML 73Page - Microchip Technology MCP4451 Datasheet HTML 74Page - Microchip Technology MCP4451 Datasheet HTML 75Page - Microchip Technology MCP4451 Datasheet HTML 76Page - Microchip Technology MCP4451 Datasheet HTML 77Page - Microchip Technology MCP4451 Datasheet HTML 78Page - Microchip Technology MCP4451 Datasheet HTML 79Page - Microchip Technology MCP4451 Datasheet HTML 80Page - Microchip Technology MCP4451 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
© 2010 Microchip Technology Inc.
DS22265A-page 77
MCP444X/446X
TABLE 8-1:
LINEAR TO LOG ATTENUATION FOR 8-BIT DIGITAL POTENTIOMETERS
# of
Steps
-3 dB Steps
-2 dB Steps
-1 dB Steps
Desired
Attenuation
Wiper
Code
Calculated
Attenuation
(1)
Desired
Attenuation
Wiper
Code
Calculated
Attenuation
(1)
Desired
Attenuation
Wiper
Code
Calculated
Attenuation
(1)
0
0 dB
256
0 dB
0 dB
256
0 dB
0 dB
256
0 dB
1
-3 dB
181
-3.011 dB
-2 dB
203
-2.015 dB
-1 dB
228
-1.006 dB
2
-6 dB
128
-6.021 dB
-4 dB
162
-3.975 dB
-2 dB
203
-2.015 dB
3-9dB
91
-8.984 dB
-6 dB
128
-6.021 dB
-3 dB
181
-3.011 dB
4
-12 dB
64 -12.041 dB
-8 dB
102
-7.993 dB
-4 dB
162
-3.975 dB
5
-15 dB
46 -14.910 dB
-10 dB
81
-9.995 dB
-5 dB
144
-4.998 dB
6
-18 dB
32 -18.062 dB
-12 dB
64 -12.041 dB
-6 dB
128
-6.021 dB
7
-21 dB
23 -20.930 dB
-14 dB
51 -14.013 dB
-7 dB
114
-7.027 dB
8
-24 dB
16 -24.082 dB
-16 dB
41 -15.909 dB
-8 dB
102
-7.993 dB
9
-27 dB
11 -27.337 dB
-18 dB
32 -18.062 dB
-9 dB
91
-8.984 dB
10
-30 dB
8 -30.103 dB
-20 dB
26 -19.865 dB
-10 dB
81
-9.995 dB
11
-33 dB
6 -32.602 dB
-22 dB
20 -22.144 dB
-11 dB
72 -11.018 dB
12
-36 dB
4 -36.124 dB
-24 dB
16 -24.082 dB
-12 dB
64 -12.041 dB
13
-39 dB
3 -38.622 dB
-26 dB
13 -25.886 dB
-13 dB
57 -13.047 dB
14
-42 dB
2 -42.144 dB
-28 dB
10 -28.165 dB
-14 dB
51 -14.013 dB
15
-48 dB
1 -48.165 dB
-30 dB
8 -30.103 dB
-15 dB
46 - 14.910 dB
16
Mute
0
Mute
-32 dB
6 -32.602 dB
-16 dB
41 -15.909 dB
17
-34 dB
5 -34.185 dB
-17 dB
36 -17.039 dB
18
-36 dB
4 -36.124 dB
-18 dB
32 -18.062 dB
19
-38 dB
3 -38.622 dB
-19 dB
29 -18.917 dB
20
-42 dB
2 -42.144 dB
-20 dB
26 -19.865 dB
21
-48 dB
1 -48.165 dB
-21 dB
23 - 20.930 dB
22
Mute
0
Mute
-22 dB
20 -22.144 dB
23
-23 dB
18 -23.059 dB
24
-24 dB
16 -24.082 dB
25
-25 dB
14 -25.242 dB
26
-26 dB
13 -25.886 dB
27
-27dB
11 -27.337 dB
28
-28 dB
10 -28.165 dB
29
-29 dB
9 -29.080 dB
30
-30 dB
8 -30.103 dB
31
-31 dB
7 -31.263 dB
32
-33 dB
6 -32.602 dB
33
-34 dB
5 -34.185 dB
34
-36 dB
4 -36.124 dB
35
-39 dB
3 -38.622 dB
36
-42 dB
2 -42.144 dB
37
-48 dB
1 -48.165 dB
38
Mute
0
Mute
Note 1:
Attenuation values do not include errors from Digital Potentiometer errors, such as Full Scale Error or Zero
Scale Error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com