Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FXBX4 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP48FXBX4
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 2Page - Microchip Technology MCP48FXBX4 Datasheet HTML 3Page - Microchip Technology MCP48FXBX4 Datasheet HTML 4Page - Microchip Technology MCP48FXBX4 Datasheet HTML 5Page - Microchip Technology MCP48FXBX4 Datasheet HTML 6Page - Microchip Technology MCP48FXBX4 Datasheet HTML 7Page - Microchip Technology MCP48FXBX4 Datasheet HTML 8Page - Microchip Technology MCP48FXBX4 Datasheet HTML 9Page - Microchip Technology MCP48FXBX4 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 6
 2020 Microchip Technology Inc.
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended).
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +2.048V to VDD, VSS = 0V, Gx = 0, RL = 5 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
2.7
—
5.5
V
1.8
—
2.7
V
Serial interface operational,
DAC operation with reduced analog
specifications
VDD Voltage
(Rising) to Ensure Device
Power-on Reset
VPOR/BOR
—
—
1.7
V
RAM retention voltage: (VRAM) < VPOR,
VDD voltages greater than the VPOR/BOR
limit ensure that the device is out of
Reset
VDD Rise Rate to Ensure
Power-on Reset
VDDRR
Note 3
V/ms
High-Voltage Commands
Voltage Range (HVC Pin)
VHV
VSS
—
12.5
V
The HVC pin will be at one of the three
input levels (VIL, VIH or VIHH)(1)
High-Voltage
Input Entry Voltage
VIHHEN
9.0
—
—
V
Threshold for entry into WiperLock™
technology
High-Voltage
Input Exit Voltage
VIHHEX
——
VDD +0.8V
V
Note 1
Note 1:
This parameter is ensured by design.
3:
POR/BOR voltage trip point is not slope dependent. Hysteresis implemented with time delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com