Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FXBX4 Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP48FXBX4
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 78Page - Microchip Technology MCP48FXBX4 Datasheet HTML 79Page - Microchip Technology MCP48FXBX4 Datasheet HTML 80Page - Microchip Technology MCP48FXBX4 Datasheet HTML 81Page - Microchip Technology MCP48FXBX4 Datasheet HTML 82Page - Microchip Technology MCP48FXBX4 Datasheet HTML 83Page - Microchip Technology MCP48FXBX4 Datasheet HTML 84Page - Microchip Technology MCP48FXBX4 Datasheet HTML 85Page - Microchip Technology MCP48FXBX4 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 82
 2020 Microchip Technology Inc.
FIGURE 7-6:
Continuous WRITE Commands (Volatile Memory Only).
12-bit data
10-bit data
8-bit data
SDI
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
**
**
*
0
0
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
SDO
XX
XX
XX
X
1
11
11
11
11
11
11
11
11 Valid(2)
XX
XX
XX
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Invalid(3)
SDI
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
**
**
*
0
0
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
SDO
11
11
11
1
1
11
11
11
11
11
11
11
11 Valid(2)
(3)
00
00
00 (4) 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Invalid(3)
SDI
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
**
**
*
0
0
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
SDO
11
11
11
1
1
11
11
11
11
11
11
11
11 Valid(2)
(3)
00
00
00 (4) 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Invalid(3)
(1)
(1)
(1)
Note 1:
For WRITE commands addressing the DAC Wiper registers, the data bits depend on the resolution of the
device: 12-bit = D11:D00, 10-bit = D09:D00, and 8-bit = D07:D00. Data are right justified for easy host
controller operation (no data manipulation before transmitting the desired value). The unimplemented
bits are ignored.
2:
After a valid memory address and WRITE command byte are received (CMDERR = 1), all the following
SDO bits will be output as ‘1’.
3:
If an error condition occurs (CMDERR = 0), all the following SDO bits will be output as ‘0’ until the
CMDERR condition is cleared (the CS pin is forced to the Inactive state).
4:
This CMDERR bit will be forced to ‘0’, regardless if this Address+Command combination is valid. This
command will not be completed and requires the CS pin to return to VIH to clear the CMDERR
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com