Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FXBX4 Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP48FXBX4
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 76Page - Microchip Technology MCP48FXBX4 Datasheet HTML 77Page - Microchip Technology MCP48FXBX4 Datasheet HTML 78Page - Microchip Technology MCP48FXBX4 Datasheet HTML 79Page - Microchip Technology MCP48FXBX4 Datasheet HTML 80Page - Microchip Technology MCP48FXBX4 Datasheet HTML 81Page - Microchip Technology MCP48FXBX4 Datasheet HTML 82Page - Microchip Technology MCP48FXBX4 Datasheet HTML 83Page - Microchip Technology MCP48FXBX4 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 80
 2020 Microchip Technology Inc.
7.7.2
SINGLE WRITE TO NONVOLATILE
MEMORY
The sequence to write to a single nonvolatile memory
location is the same as a single write to volatile memory,
with the exception that after the CS pin is driven inactive
(VIH), the EEPROM Write Cycle (tWC) is started. A write
cycle will not start if the WRITE command is not exactly
24 clock pulses. This protects against system issues
corrupting the nonvolatile memory locations.
Once a WRITE command to a nonvolatile memory
location has been received, no other SPI commands
should be received before the CS pin transitions to the
Inactive state (VIH) or the current SPI command will
have a Command Error (CMDERR) occur.
After the CS pin is driven inactive (VIH), the serial
interface may immediately be re-enabled by driving
the CS pin to the Active state (VIL).
During an EEPROM write cycle, access to the volatile
memory is allowed when using the appropriate com-
mand sequence. Commands that address nonvolatile
memory are ignored until the EEPROM Write Cycle
(tWC) completes. This allows the host controller to
operate on the volatile DAC registers.
7.7.3
CONTINUOUS WRITES TO
VOLATILE MEMORY
A Continuous Write mode of operation is possible when
writing to the device’s volatile memory registers (see
Table 7-3). Figure 7-6 shows the sequence for three
continuous writes. The writes do not need to be to the
same volatile memory address.
7.7.4
CONTINUOUS WRITES TO
NONVOLATILE MEMORY
Continuous writes to nonvolatile memory are not
allowed and attempts to do so will result in a
Command Error (CMDERR) condition.
7.7.5
HIGH-VOLTAGE COMMAND (HVC)
SIGNAL
The High-Voltage Command (HVC) signal is used to
indicate that the command or sequence of commands
are in the high-voltage operational state. HVC
commands allow the device’s WiperLock technology
and write-protect features to be enabled and disabled.
FIGURE 7-3:
Write Single Memory Location Command – SDI and SDO States.(1)
Note:
The EEWA status bit indicates if an
EEPROM write cycle is active (see
Register 4-4).
TABLE 7-3:
VOLATILE MEMORY
ADDRESSES
Address
Quad-Channel
Octal-Channel
00h-03h
Yes
Yes
04h-07h
No
Yes
08h
Yes
Yes
09h
Yes
Yes
0Ah
Yes
Yes
Note:
Writes to a volatile DAC register will not
transfer to the output register until the LAT
(HVC) pin is transitioned from the VIHHEN
voltage to a VIL voltage.
Note 1:
For WRITE commands addressing the DAC Wiper registers, the data bits depend on the resolution of the
device: 12-bit = D11:D00, 10-bit = D09:D00 and 8-bit = D07:D00. Data are right justified for easy host
controller operation (no data manipulation before transmitting the desired value). The unimplemented bits
are ignored.
2: After a valid memory address and WRITE command byte are received (CMDERR = 1), all the following
SDO bits will be output as ‘1’.
3: If an error condition occurs (CMDERR = 0), all the following SDO bits will be output as ‘0’ until the
CMDERR condition is cleared (the CS pin is forced to the Inactive state).
12-bit data
10-bit data
8-bit data
SDI
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
**
**
*
0
0
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
SDO
XX
XX
XX
X
1
11
11
11
11
11
11
11
11 Valid(2)
XX
XX
XX
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Invalid(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com