Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FXBX4 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP48FXBX4
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 8Page - Microchip Technology MCP48FXBX4 Datasheet HTML 9Page - Microchip Technology MCP48FXBX4 Datasheet HTML 10Page - Microchip Technology MCP48FXBX4 Datasheet HTML 11Page - Microchip Technology MCP48FXBX4 Datasheet HTML 12Page - Microchip Technology MCP48FXBX4 Datasheet HTML 13Page - Microchip Technology MCP48FXBX4 Datasheet HTML 14Page - Microchip Technology MCP48FXBX4 Datasheet HTML 15Page - Microchip Technology MCP48FXBX4 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 12
 2020 Microchip Technology Inc.
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended).
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +2.048V to VDD, VSS = 0V, Gx = 0, RL = 5 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Differential Nonlinearity
(see B.12
“Differential
Nonlinearity
(DNL)”)(7,10)
DNL
-0.25
±0.0125
+0.25
LSb
8-bit
VRnB:VRnA = 10, Gx = 0,
VREF = VDD, no load
-0.5
±0.05
+0.5
LSb
10-bit VRnB:VRnA = 10, Gx = 0,
VREF = VDD, no load
-1.0
±0.2
+1.0
LSb
12-bit VRnB:VRnA = 10, Gx = 0,
VREF = VDD, no load
See Section 2.0 “Typical
Performance Curves”(1)
LSb
VRnB:VRnA = 11, Gx = 0, Gx = 1,
VREF = 0.5 × VDD = 2.7, no load
See Section 2.0 “Typical
Performance Curves”(1)
LSb
VRnB:VRnA = 10, Gx = 0, Gx = 1,
VREF = VDD/2, VREF = VDD,
VDD = 2.7-5.5V, no load
See Section 2.0 “Typical
Performance Curves”(1)
LSb
VRnB:VRnA = 10, Gx = 0, Gx = 1,
VREF = VDD/2, VREF = VDD,
VDD = 2.7-5.5V, no load
See Section 2.0 “Typical
Performance Curves”(1)
LSb
VRnB:VRnA = 00, Gx = 0,
VREF = VDD = 2.7-5.5V, no load
Note 1:
This parameter is ensured by characterization.
7:
INL and DNL are measured at VOUT with VRL = VDD (VRnB:VRnA = 00).
10: Code range is dependent on resolution: 8-bit, codes 6 to 250; 10-bit, codes 25 to 1000; 12-bit,
100 to 4000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com