Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FXBX4 Datasheet(PDF) 86 Page - Microchip Technology

Part # MCP48FXBX4
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 Datasheet(HTML) 86 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 82Page - Microchip Technology MCP48FXBX4 Datasheet HTML 83Page - Microchip Technology MCP48FXBX4 Datasheet HTML 84Page - Microchip Technology MCP48FXBX4 Datasheet HTML 85Page - Microchip Technology MCP48FXBX4 Datasheet HTML 86Page - Microchip Technology MCP48FXBX4 Datasheet HTML 87Page - Microchip Technology MCP48FXBX4 Datasheet HTML 88Page - Microchip Technology MCP48FXBX4 Datasheet HTML 89Page - Microchip Technology MCP48FXBX4 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 86
 2020 Microchip Technology Inc.
7.9
Enable Configuration Bit
(High Voltage)
Figure 7-11 shows the formats for a single enable
Configuration bit command. The command will only
start the EEPROM Write Cycle (tWC) after a properly
formatted command has been received.
During an EEPROM write cycle, only serial commands
to volatile memory are accepted. All other serial com-
mands are ignored until the EEPROM Write Cycle (tWC)
completes. This allows the host controller to operate on
the volatile DAC, the volatile VREF, Power-Down, Gain
and Status, and WiperLock Technology Status registers.
The EEWA bit in the Status register indicates the status
of the EEPROM write cycle.
FIGURE 7-11:
Enable Command Sequence.
FIGURE 7-12:
8-Bit Enable Command (C1:C0 = 10) – SPI Waveforms (Mode 1,1).
Note 1: If an error condition occurs (CMDERR = 0), all the following SDO bits will be low until the CMDERR
condition is cleared (the CS pin is forced to the Inactive state).
2: The CMDERR bit will be forced to ‘0’, regardless if this Address+Command combination is valid. This
command will not be completed and requires the CS pin to return to VIH to clear the CMDERR
condition.
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
SDI *
**
**
1
0
**
**
**
1
0
**
**
**
1
0
*
SDO
XX
XX
XX
X
1
11
11
11
1
1
11
11
11
1
1 Valid(1)
XX
XX
XX
X
0
00
00
00
00
00
00
00
00 Invalid(2)
AD2
AD1
AD4
AD3
C0
X
AD0
C1
07
06
03
01
02
00
05
CMDERR
CS
SDI
04
VIH
VIL
VIH
VIHH
SDO
SCK
HVC
Input
Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com