Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FXBX4 Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP48FXBX4
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 72Page - Microchip Technology MCP48FXBX4 Datasheet HTML 73Page - Microchip Technology MCP48FXBX4 Datasheet HTML 74Page - Microchip Technology MCP48FXBX4 Datasheet HTML 75Page - Microchip Technology MCP48FXBX4 Datasheet HTML 76Page - Microchip Technology MCP48FXBX4 Datasheet HTML 77Page - Microchip Technology MCP48FXBX4 Datasheet HTML 78Page - Microchip Technology MCP48FXBX4 Datasheet HTML 79Page - Microchip Technology MCP48FXBX4 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 76
 2020 Microchip Technology Inc.
6.3.1
SERIAL DATA IN (SDI)
The Serial Data In (SDI) signal is the data signal into
the device. The value on this pin is latched on the
rising edge of the SCK signal.
6.3.2
SERIAL DATA OUT (SDO)
The Serial Data Out (SDO) signal is the data signal out
of the device. The value on this pin is driven on the
falling edge of the SCK signal.
Once the CS pin is forced to the active level (VIL or
VIHH), the SDO pin will be driven. The state of the
SDO pin is determined by the serial bit’s position in the
command, the command selected and if there is a
Command Error (CMDERR) state.
6.3.3
SERIAL CLOCK (SCK)
(SPI FREQUENCY OF OPERATION)
The SPI interface is specified to operate up to 20 MHz.
The actual clock rate depends on the configuration of
the system and the serial command used. Table 6-1
shows the SCK frequency for different configurations.
6.3.4
CS SIGNAL
The Chip Select (CS) signal is used to select the
device and frame a command sequence. To start a
command, or sequence of commands, the CS signal
must transition from the Inactive state (VIH) to an
Active state (VIL or VIHH).
After the CS signal has gone active, the SDO pin is
driven and the clock bit counter is reset.
If an error condition occurs for an SPI command, then
the command byte’s Command Error (CMDERR) bit
(on the SDO pin) will be driven low (VIL). To exit the
error condition, the user must take the CS pin to the
VIH level.
When the CS pin returns to the Inactive state (VIH), the
SPI module resets (including the Address Pointer).
While the CS pin is in the Inactive state (VIH), the serial
interface is ignored. This allows the host controller to
interface to other SPI devices using the same SDI,
SDO and SCK signals.
6.3.5
HVC SIGNAL
The high-voltage capability of the HVC pin allows High-
Voltage Commands. High-Voltage Commands allow the
device’s WiperLock technology and write-protect
features to be enabled and disabled.
6.4
Communication Data Rates
The MCP48FXBX4/8 devices support clock rates (bit
rate) of up to 20 MHz for WRITE commands and
10 MHz for READ commands.
For most applications, the write time will be considered
more important, since that is how the device operation
is controlled.
6.5
POR/BOR
On a POR/BOR event, the SPI serial interface module
state machine is reset, which means that the device’s
Memory Address Pointer is forced to 00h.
TABLE 6-1:
SCK FREQUENCY
Memory Type Access
Command
Read
Write,
Enable,
Disable
Nonvolatile
Memory
SDI, SDO
10 MHz
20 MHz(1,2)
Volatile
Memory
SDI, SDO
10 MHz
20 MHz(2)
Note 1:
After a WRITE command, the internal
write cycle must be completed before the
next SPI command is received.
2:
This is a design goal. The SDO pin
performance is believed to be the limiting
factor.
Note: There is a required delay after the CS pin
goes active to the first edge of the SCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com