Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X8 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 50Page - STMicroelectronics STV82X8 Datasheet HTML 51Page - STMicroelectronics STV82X8 Datasheet HTML 52Page - STMicroelectronics STV82X8 Datasheet HTML 53Page - STMicroelectronics STV82X8 Datasheet HTML 54Page - STMicroelectronics STV82X8 Datasheet HTML 55Page - STMicroelectronics STV82X8 Datasheet HTML 56Page - STMicroelectronics STV82X8 Datasheet HTML 57Page - STMicroelectronics STV82X8 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 157 page
background image
Register List
STV82x8
54/157
Automatic Standard Recognition by I²C Software. This is not required if the built-in Automatic
Standard Recognition System function is used (default).
I2S_CTRL
I²S Synchronization Control Register
Bit Name
Reset
Function
BUS_EXP
0
Static control by I2C of hardware pin BUS_EXP
I²2S_CO_EN
0
0 = I²2S Input (I2S_SCK , I2S_LR_CLK, I2S_PCM_CLK in input mode)
1 = I²2S Output (I2S_SCK , I2S_LR_CLK, I2S_PCM_CLK in output mode)
I²2S_DO_EN
0
0 = I²2S Input (I2S_DATA0 in input mode)
1 = I²2S Output (I2S_DATA0 in output mode)
EN_STBY
0
Standby mode enabling
0: Normal mode
1: To lock the digital signals before to settle the device in standby mode
CLOCK_DOWN
0
clock down of the dsp, decoder.
Bit [2]
0
Reserved
SOFT_LRST1
0
Softreset (active high) of Decoder..
SOFTR_RST
0
General softreset (active high) to reset all hardware registers except for I²2C data.
Address: 04h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2S_PLL
SYNC_SIGN
I2S_SRC
LOCK_TH[1:0]
LOCK_MODE
SYNC_CST[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com