Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X8 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 84Page - STMicroelectronics STV82X8 Datasheet HTML 85Page - STMicroelectronics STV82X8 Datasheet HTML 86Page - STMicroelectronics STV82X8 Datasheet HTML 87Page - STMicroelectronics STV82X8 Datasheet HTML 88Page - STMicroelectronics STV82X8 Datasheet HTML 89Page - STMicroelectronics STV82X8 Datasheet HTML 90Page - STMicroelectronics STV82X8 Datasheet HTML 91Page - STMicroelectronics STV82X8 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 157 page
background image
Register List
STV82x8
88/157
PEAK_R
Peak Detector Right Channel
PEAK_L_R
Peak Detector Left Minus Right Channel
Address: 9Dh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVERLOAD_R
PEAK_R[6:0] (S)
Bit Name
Reset
Function
OVERLOAD_R
0
This bit is set to 1 by the DSP when the Right peak detector reaches its maximum value (0x7F).
It can be reset to 0.
PEAK_R[6:0]
000 0000
Displays the Absolute Peak Level of the Right channel of the audio source selected. The measured
value is updated continuously every 64 ms. The range varies linearly from the full scale (0 dB)
down to 1/256 of the full scale (-48 dB).
000 0000:<-36dBFS
000 1111:-18dBFS
...
...
000 0001:-36dBFS
001 1111:-12dBFS
...
...
000 0011:-30dBFS
011 1111:-6dBFS
...
...
000 0111:-24dBFS
111 1111:0dBFS
...
Address: 9Eh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVERLOAD_L
_R
PEAK_L_R[6:0] (S)
Bit Name
Reset
Function
OVERLOAD_L_R
0
This bit is set to 1 by the DSP when the “Left-Right” peak detector reaches its maximum value
(0x7F).
It can be reset to 0.
PEAK_L_R[6:0]
000 0000
Displays the Difference between L and R (L - R) channels for the audio source selected:
000 0000:<-36dBFS
000 1111:-18dBFS
...
...
000 0001:-36dBFS
001 1111:-12dBFS
...
...
000 0011:-30dBFS
011 1111:-6dBFS
...
...
000 0111:-24dBFS
111 1111:0dBFS
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com