Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X8 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 47Page - STMicroelectronics STV82X8 Datasheet HTML 48Page - STMicroelectronics STV82X8 Datasheet HTML 49Page - STMicroelectronics STV82X8 Datasheet HTML 50Page - STMicroelectronics STV82X8 Datasheet HTML 51Page - STMicroelectronics STV82X8 Datasheet HTML 52Page - STMicroelectronics STV82X8 Datasheet HTML 53Page - STMicroelectronics STV82X8 Datasheet HTML 54Page - STMicroelectronics STV82X8 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 157 page
background image
51/157
STV82x8
Register List
TRUSRND_CONTROL
B7h
0000 1000
DIALOG_CL
ARITY_ON
HEADPHO
NE_ON
TRUSRND_INPUT_MODE[3:0]
TRUSRND_
BYPASS
TRUSRND_
ON
TRUSRND_DC_ELEVATI
ON
B8h
0000 1100
TRUSRND_DC_ELEVATION[7:0]
TRUSRND_INPUT_GAIN
B9h
0000 0000
TRUSRND_INPUT_GAIN[7:0]
TRUBASS_LS_CONTRO
L
BAh
0000 0110
0
0
0
0
TRUBASS_LS_SIZE[2:0]
TRUBASS_
LS_ON
TRUBASS_LS_LEVEL
BBh
00001 1001
TRUBASS_LS_LEVEL[7:0]
TRUBASS_HP_CONTRO
L
BCh
0000 0110
SRS_TSXT
_GAIN_ON
0
0
0
TRUBASS_HP_SIZE[2:0]
TRUBASS_
HP_ON
TRUBASS_HP_LEVEL
BDh
0000 1001
TRUBASS_HP_LEVEL[7:0]
SVC_LS_CONTROL
BEh
0000 0010
0
0
0
0
SVC_LS_INPUT[1:0]
SVC_
LS_AMP
SVC_
LS_ON
SVC_LS_TIME_TH
BFh
0000 0000
SVC_LS_TIME[2:0]
SVC_LS_THRESHOLD[4:0]
SVC_LS_GAIN
C0h
0000 1111
0
0
SVC_LS_MAKE_UP_GAIN[5:0]
SVC_HP_CONTROL
C1h
0000 0010
0
0
0
0
0
0
SVC_
LHP_AMP
SVC_
HP_ON
SVC_HP_TIME_TH
C2h
0000 0000
SVC_HP_TIME[2:0]
SVC_HP_THRESHOLD[4:0]
SVC_HP_GAIN
C3h
0000 1111
0
0
SVC_HP_MAKE_UP_GAIN[5:0]
WIDESRND_CONTROL
C4h
0000 0100
0
0
0
0
0
WIDESRND
_STEREO
WIDESRND
_MODE
WIDESRND
_ON
WIDESRND_FREQ
C5h
0001 0101
0
0
WIDESRND_BASS[1:0]
WIDESRND_MEDIUM[
1:0]
WIDESRND_TREBLE[
1:0]
WIDESRND_LEVEL
C6h
1000 0000
WIDESRND_GAIN[7:0]
OMNISRND_CONTROL
C7h
0000 1100
ST_VOICE[1:0]
SRND_PHA
SE_INV
OMNISRND_INPUT_MODE[3:0]
OMNISRND
_ON
DYNAMIC_BASS_LS
C8h
0110 0010
LS_BASS_LEVEL[4:0]
LS_BASS_FREQ[1:0]
LS_DYN_B
ASS_ON
DYNAMIC_BASS_HP
C9h
0110 0010
HP_BASS_LEVEL[4:0]
HP_BASS_FREQ[1:0]
HP_DYN_B
ASS_ON
BASS_ENHANCE_LS
CAh
0000 0000
0
0
LS_BASS_
ENHANCE_
HP_FILTER
LS_BASS_ENHANCE_SCALE[2:0]
LS_BASS_
ENHANCE_
CUTOFF
LS_BASS_
ENHANCE_
ON
CBh
0000 0000
0
0
0
0
0
0
0
0
EQ_BT_CONTROL
CCh
0000 0000
0
0
0
0
0
HP_BT_ON
LS_EQ_BT
_SW
LS_EQ_ON
LS_EQ_BAND1
CDh
0000 0000
EQ_BAND1[7:0] (S)
LS_EQ_BAND2
CEh
0000 0000
EQ_BAND2[7:0] (S)
LS_EQ_BAND3
CFh
0000 0000
EQ_BAND3[7:0] (S)
LS_EQ_BAND4
D0h
0000 0000
EQ_BAND4[7:0] (S)
LS_EQ_BAND5
D1h
0000 0000
EQ_BAND5[7:0] (S)
LS_BASS_GAIN
D2h
0000 0000
LS_BASS[7:0] (S)
LS_TREBLE_GAIN
D3h
0000 0000
LS_TREBLE[7:0] (S)
HP_BASS_GAIN
D4h
0000 0000
HP_BASS[7:0] (S)
HP_TREBLE_GAIN
D5h
0000 0000
HP_TREBLE[7:0] (S)
OUTPUT_BASS_MNGT
D6h
1000 0000
BASS_MAN
AGE_ON
ST_LFE_AD
D
DOLBY_PR
OLOGIC
SUB_
ACTIVE
GAIN_
SWITCH
OCFG_NUM[2:0]
LS_LOUDNESS
D7h
0000 0100
0
LS_LOUD_THRESHOLD[2:0]
LS_LOUD_GAIN_HR[2:0]
LS_
LOUD_ON
HP_LOUDNESS
D8h
0000 0100
0
HP_LOUD_THRESHOLD[2:0]
HP_LOUD_GAIN_HR[2:0]
HP_
LOUD_ON
Volume
Table 8: List of I²C Registers (Sheet 3 of 5)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com