Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X8 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 88Page - STMicroelectronics STV82X8 Datasheet HTML 89Page - STMicroelectronics STV82X8 Datasheet HTML 90Page - STMicroelectronics STV82X8 Datasheet HTML 91Page - STMicroelectronics STV82X8 Datasheet HTML 92Page - STMicroelectronics STV82X8 Datasheet HTML 93Page - STMicroelectronics STV82X8 Datasheet HTML 94Page - STMicroelectronics STV82X8 Datasheet HTML 95Page - STMicroelectronics STV82X8 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 157 page
background image
Register List
STV82x8
92/157
AUDIO_MATRIX3
AudioMatrix part configuration
CHANNEL_MATRIX_LS
Channel Matrix Configuration
Address: A4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
SPDIF_OUT
DELAY_OUT
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
SPDIF_OUT[1:0]
010
Select the source to output on SPDIF. See table 4.
DELAY_OUT[1:0]
010
Select the source to output on DELAY. See table 4.
Table 13: AudioMatrix Input Sources
Parameter
Coding (bin)
Parameter
Field Lebel
Function
000
MUTE
Mute Output
001
DELAY
Delay Input
010
DEMOD
BTSC Demod Input
011
LtRt
Downmix LtRt Input
100
I2S
I2S Input
101
SCART
SCART Input
110
-
Reserved
111
-
Reserved
Address: A5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTOSTD_CT
RL_LS
AUTOSTD_CT
RL_SPDIF
0
0
0
CM_MATRIX_LS[2:0]
Bit Name
Reset
Function
AUTOSTD_CTRL_L
S
0
If this bit is activated, Autostandard algorithm will select automaticaly the appropriate matrixing
(Bits[2:0]) for LS output channels depending on the detected standard (see table 6).
0:
Manual Matrix Selection
1:
Automatic Matrix Selection if AutoStandard is ON
Note: Automatic Matrix Selection must be used only when DEMOD signal is directed to the Matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com