Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X8 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 22Page - STMicroelectronics STV82X8 Datasheet HTML 23Page - STMicroelectronics STV82X8 Datasheet HTML 24Page - STMicroelectronics STV82X8 Datasheet HTML 25Page - STMicroelectronics STV82X8 Datasheet HTML 26Page - STMicroelectronics STV82X8 Datasheet HTML 27Page - STMicroelectronics STV82X8 Datasheet HTML 28Page - STMicroelectronics STV82X8 Datasheet HTML 29Page - STMicroelectronics STV82X8 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 157 page
background image
Dedicated Digital Signal Processor (DSP)
STV82x8
26/157
4.6.1
Bass Management Configuration 0
In some cases, the bass management filters are available in the decoder itself, so there is no need
to reproduce these filters. The output configuration shown in Figure 13 offers this possibility.
4.6.2
Bass Management Configuration 1
Configuration 1, shown in Figure 14, assumes that all five speakers are not full range and that all of
the bass information will be redirected to and reproduced by a single subwoofer. This configuration
is intended for use with 5 satellite speakers.
To prevent signal overload, the five main channels are attenuated by 15 dB, while the LFE channel
is attenuated by 5dB to maintain the proper mixing ratio.
Figure 13: Bass Management Configuration 0 (with Pro Logic switch indicating its reset state)
Figure 14: Bass Management Configuration 1 (with Pro Logic switch indicating its reset state)
R
L
C
Ls
Rs
LFE
L
R
C
Ls
Rs
SubW
+
-15 dB
-5 dB
R
L
C
Ls
Rs
LFE
L
R
C
Ls
Rs
SubW
+
-5 dB
-15 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com