Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X8 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 78Page - STMicroelectronics STV82X8 Datasheet HTML 79Page - STMicroelectronics STV82X8 Datasheet HTML 80Page - STMicroelectronics STV82X8 Datasheet HTML 81Page - STMicroelectronics STV82X8 Datasheet HTML 82Page - STMicroelectronics STV82X8 Datasheet HTML 83Page - STMicroelectronics STV82X8 Datasheet HTML 84Page - STMicroelectronics STV82X8 Datasheet HTML 85Page - STMicroelectronics STV82X8 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
Register List
STV82x8
82/157
BTSC_FINE_PRESCALE_SAP
BTSC Input Prescale for SAP Mode
BTSC_CONTROL
BTSC Back-end Decoder Control
Bit Name
Reset
Function
BTSC_FINE_PRES
CALE_ST[7:0]
0000
0000
Set the prescale of the signal coming from the demodulator when STEREO is demodulated in
order to optimize the signal level at DBX block input (steps of 0.02 dB):
1000 0000:
-2.56 dB
...
0000 0000:
0 dB
0000 0001:
0.02 dB
...
0111 1111:
2.54 dB
Address: 91h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BTSC_FINE_PRESCALE_SAP[7:0] (S)
Bit Name
Reset
Function
BTSC_FINE_PRES
CALE_SAP[7:0]
0000
0000
Set the prescale of the signal coming from the demodulator when SAP is demodulated in order to
optimize the signal level at DBX block input (steps of 0.02 dB):
1000 0000:
-2.56 dB
...
0000 0000:
0 dB
0000 0001:
0.02 dB
...
0111 1111:
2.54 dB
Address: 92h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FINE_PRESC
ALE_SELECT
_SAP
DBX_DEMATRIX[1:0]
DBX_ON
DEEMPHASIS_CH1[1:0]
DEEMPHASIS_CH0[1:0]
Bit Name
Reset
Function
FINE_PRESCALE_
SELECT_SAP
0
Select the prescale value to apply on second channel before DBX
0:
STEREO prescale (register 90h)
1:
SAP prescale (register 91h)
DBX_DEMATRIX[
1:0]
00
Select L/R Dematrix for STEREO standard
00: No dematrixing (Mono or SAP)
10: Reserved
01: L/R Dematrix (STEREO): L=Ch0+(Ch1)/2, R=Ch0-(Ch1)/2
11: Reserved
DBX_ON
0
0:
DBX noise reductor not active
1:
DBX noise reductor active on second channel (STEREO or SAP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com