Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X8 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 102Page - STMicroelectronics STV82X8 Datasheet HTML 103Page - STMicroelectronics STV82X8 Datasheet HTML 104Page - STMicroelectronics STV82X8 Datasheet HTML 105Page - STMicroelectronics STV82X8 Datasheet HTML 106Page - STMicroelectronics STV82X8 Datasheet HTML 107Page - STMicroelectronics STV82X8 Datasheet HTML 108Page - STMicroelectronics STV82X8 Datasheet HTML 109Page - STMicroelectronics STV82X8 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 157 page
background image
Register List
STV82x8
106/157
SVC_HP_CONTROL
Smart Volume Control for HP
SVC_HP_TIME_TH
Smart Volume Control Parameters for HP
SVC_LS_GAIN[5:0]
000000
Set “make-up” gain applied at SVC LS output:
000000:
+0 dB
000001:
+0.5 dB
...
101110:
+23 dB
101111:
+23.5 dB
110000:
+24 dB
Address: C1h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
SVC_HP_AMP SVC_HP_ON
Bit Name
Reset
Function
Bits[7:2]
0000 00
Reserved.
SVC_HP_AMP
1
0: 0 dB amplification in auto-mode
1: +6 dB amplification in auto-mode
SVC_HP_ON
0
0: Manual mode (simple prescaler)
1: Automatic mode
Address: C2h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SVC_HP_TIME[2:0]
SVC_HP_THRESHOLD[4:0]
Bit Name
Reset
Function
SVC_HP_TIME[2:0]
100
Time Constant for Amplification (6-dB gain step) in Automatic mode:
000:
30 ms
100:
16 s
001:
200 ms
101:
32 s
010:
500 ms
110:
64 s
011:
1 s
111:
128 s
SVC_HP_THRESH
OLD[4:0]
11000
See tables 8 and 9
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com