Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC200GLTMTH Datasheet(PDF) 46 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLTMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLTMTH Datasheet(HTML) 46 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLTMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC200GLTMTH Datasheet HTML 50Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
46
Program Security Registers (42h)
The Program Security Register instruction is similar to the Page Program instruction. It allows from one
byte to 512 bytes of security register data to be programmed by two times (one time program 256 bytes) at
previously erased (FFh) memory locations. A Write Enable instruction must be executed before the device
will accept the Program Security Register Instruction (Status Register bit WEL= 1). The instruction is
initiated by driving the /CS pin low then shifting the instruction code “42h” followed by a 24- bit address
(A23-A0) and at least one data byte, into the SI pin. The /CS pin must be held low for the entire length of
the instruction while data is being sent to the device
.
Address
A23-16
A15-12
A11-9
A8-0
Security Registers 1
00H
0001
0000
Byte Address
Security Registers 2
00H
0010
0000
Byte Address
Security Registers 3
00H
0011
0000
Byte Address
The Program Security Register instruction sequence is shown in Figure36. The Security Register Lock Bits
(LB3-1) in the Status Register-2 can be used to OTP protect the security registers. Once a lock bit is set to
1, the corresponding security register will be permanently locked, Program Security Register instruction to
that register will be ignored.
Figure36. Program Security Registers Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com