Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208T4 Datasheet(PDF) 6 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 2Page - Microchip Technology PD69208T4 Datasheet HTML 3Page - Microchip Technology PD69208T4 Datasheet HTML 4Page - Microchip Technology PD69208T4 Datasheet HTML 5Page - Microchip Technology PD69208T4 Datasheet HTML 6Page - Microchip Technology PD69208T4 Datasheet HTML 7Page - Microchip Technology PD69208T4 Datasheet HTML 8Page - Microchip Technology PD69208T4 Datasheet HTML 9Page - Microchip Technology PD69208T4 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
1.4
Current Limiter
This circuit continuously monitors the current of powered ports and limits the current to a pre-defined value set by
AF/AT/BT/PoH. When the current value exceeds this specific value, the system starts measuring the elapsed timing.
If this interval is greater than a preset threshold, the port is disconnected.
1.5
Main Power MOSFET
The main power switching FET is used to control PoE current into the load.
1.6
10-Bit ADC
A 10-bit analog to digital converter (ADC) is used to convert analog signals into digital registers for the logic control
module.
1.7
Power on Reset
Power on Reset (PoR) monitors the internal 3.3 V and 5 V DC levels. If this voltage drops below the specific
thresholds, a reset signal is generated and the manager is reset.
1.8
Voltage Regulator
The voltage regulator generates 3.3 V and 5 V for internal circuitry.
1.9
Oscillator
The manager’s clock (CLK) is an internal 8 MHz clock oscillator.
1.10
SPI Communication
The managers use SPI communication in SPI slave mode to communicate with the MCU. Each manager has an
address determined by ADDR0-ADDR3 pins. Addresses 0–11 are supported. The frequency between controller and
manager ICs is 1 MHz.
PD69208T4/PD69204T4/PD69208M
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com