Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208T4 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 1 Page - Microchip Technology

  PD69208T4 Datasheet HTML 1Page - Microchip Technology PD69208T4 Datasheet HTML 2Page - Microchip Technology PD69208T4 Datasheet HTML 3Page - Microchip Technology PD69208T4 Datasheet HTML 4Page - Microchip Technology PD69208T4 Datasheet HTML 5Page - Microchip Technology PD69208T4 Datasheet HTML 6Page - Microchip Technology PD69208T4 Datasheet HTML 7Page - Microchip Technology PD69208T4 Datasheet HTML 8Page - Microchip Technology PD69208T4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
PD69208T4/PD69204T4/
PD69208M
PoE PSE Manager
Introduction
Microchip's PD69208T4, PD69204T4, and PD69208M Power over Ethernet (PoE) manager ICs integrate power,
analog, and state-of-the-art logic into a single 8 mm × 8 mm, 56-pin, plastic QFN package. The device is used in
conjunction with a Microchip PSE controller or an Ethernet switch processor from a supported third-party vendor to
provide an IEEE
® 802.3af/at/bt or Power over HDBase (PoH) Power Sourcing Equipment (PSE) solution.
Typical PoE Application
The following figure shows the typical PoE application of Microchip Generation 6 devices.
Figure 1. Typical PoE Application with Microchip Controller
UART/I2C
VSSA VSS
VDDA VDD
MOSI
To Host
PD69210
PD69220
PD69200
PoE Controller
SCK
xCS
MISO
Isola�on
MOSI
SCK
xCS
MISO
IREF
DGND
AGND
PGD<0:3>
Power
Supply
Monitoring
VAUX5
VAUX3P3
VMAIN
5V
3.3V
VMAIN
PD69208T4
PD69204T4
PD69208M
PoE Manager
VMAIN
VMAIN
PORT_NEG0
PORT_NEG7
(PD69208T4/M)
PORT_NEG3
(PD69204T4)
Required for
IEC62368-1 Ed.2
PSYSTEM>250W
System Bulk
Capacitor
Required for
IEC62368-1 Ed.2
PSYSTEM>250W
F
F
Consult Microchip AN3361 Designing an IEEE 802.3af/at/bt PoE System Based on PD692x0/PD69208.
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 1


Similar Part No. - PD69208T4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
PD69200C-018818 MICROCHIP-PD69200C-018818 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
More results

Similar Description - PD69208T4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com