Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208T4 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 3Page - Microchip Technology PD69208T4 Datasheet HTML 4Page - Microchip Technology PD69208T4 Datasheet HTML 5Page - Microchip Technology PD69208T4 Datasheet HTML 6Page - Microchip Technology PD69208T4 Datasheet HTML 7Page - Microchip Technology PD69208T4 Datasheet HTML 8Page - Microchip Technology PD69208T4 Datasheet HTML 9Page - Microchip Technology PD69208T4 Datasheet HTML 10Page - Microchip Technology PD69208T4 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
2.
Electrical Specifications
This section describes the electrical specifications of the PD69208T4, PD69204T4, and PD69208M devices.
2.1
Absolute Maximum Ratings
PoE performance is not guaranteed when exceeding the recommended rating. Exposure to any stress in the range
between the recommended rating, as listed in the following table, and the absolute maximum rating should be limited
to a short time. Exceeding these ratings may impact long-term operating reliability.
Table 2-1. Absolute Maximum Ratings
Parameters
Min
Max
Units
Supply input voltage (VMAIN)1,2
–0.3
72
V
PORT_NEG[0.7]pins
–0.3
VMAIN +0.5
V
VAUX5
–0.3
6
V
VAUX3P3,DVDD
–0.3
4
V
Digital pins: MISO, MOSI, SCK, CS_N, ADDR[3:0],
PGD[3:0], RESET_N, TRIM
–0.3
DVDD+0.3 and <4.0
V
Absolute maximum junction temperature
150
°C
Lead soldering temperature (40 s, reflow)
260
°C
Storage temperature
–65
150
°C
1.
Power sequence requirement: VMAIN > VAUX5 > VAUX3P3 = TRIM, DVDD.
2.
EPAD is connected by copper plane on PCB to AGND. AGND is ground for IC.
Note: DRV_VAUX5 and IREF are output pins and should not apply voltage or current. DRV_VAUX5 can be left open
when not used.
2.2
Recommended Operating Conditions
Table 2-2. Operating Conditions
Symbol
Parameter
Conditions
Min Typ Max Units
Maximum junction operating
temperature
125 °C
VMAIN
Main supply voltage Supports full IEEE 802.3af/at/bt
functionality
44
57
V
2.3
Immunity
Table 2-3. Immunity
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ESD
ESD rating
HBM1
–2000
+2000
V
CDM2
–500
+500
V
Surge
Lightning surge3
EN61000 4-5
–1
1
kV
PD69208T4/PD69204T4/PD69208M
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com