Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208T4 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 4Page - Microchip Technology PD69208T4 Datasheet HTML 5Page - Microchip Technology PD69208T4 Datasheet HTML 6Page - Microchip Technology PD69208T4 Datasheet HTML 7Page - Microchip Technology PD69208T4 Datasheet HTML 8Page - Microchip Technology PD69208T4 Datasheet HTML 9Page - Microchip Technology PD69208T4 Datasheet HTML 10Page - Microchip Technology PD69208T4 Datasheet HTML 11Page - Microchip Technology PD69208T4 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
1.
ESD HBM complies with JESD22 Class 2 standard.
2.
ESD CDM complies with JESD22 Class 1 standard.
3.
System-level common mode 10/700 µs according to IEC61000-4-5.
2.4
Device Electrical Specifications
If not specified under conditions, the Min and Max ratings stated in the following table apply to the entire specified
operating ratings of the device. Typ values stated are either by design or by production testing at 25 °C ambient.
Table 2-4. Electrical Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VPORT
Port output
VMAIN–VPORT_NEGx
0
57
V
VTH
POR threshold
Internal or external 3.3 V supply
8
V
IMAIN
Main power supply current at
operating mode. VMAIN = 55 V
14
mA
VAUX5
5 V output voltage
VAUX5–AGND
4.5
5
5.5
V
VAUX3P3
Internal 3.3 V output voltage
VAUX3P3–AGND
3
3.3
3.6
V
IAUX3P3
3.3 V output current for application
use
Without external NPN
5
mA
With external NPN transistor on
VAUX5
30
mA
VAUX3P3_IN 3.3 V input voltage
VAUX3P3–AGND
3
3.3
3.6
V
DVDD
Digital 3.3 V input voltage
DVDD–DGND
3
3.3
3.6
V
PORTP
Power-on reset DVDD trip point
DVDD–DGND
2.575 2.775 2.975 V
PORHYS
Power-on reset DVDD hysteresis
PORTP–DGND
0.2
0.25
0.3
V
RCH_ON
Total channel resistance
Rds_on + Rsense + Rbonding
0.34
Ω
PPWR
Port power accuracy
>90 W
2
%
2.5
Port Real-Time Protection
Table 2-5. Port Real-Time Protection
Symbol Parameter
Conditions
Min
Typ
Max Units
TRISE
Turn-on rise time
From 10% to 90% of the voltage
difference at the VPORT_NEGx in
POWER_ON state from the beginning of
POWER_UP
15
µs
IINRUSH Output current in POWER_UP state CLOAD ≤ 180 µF1
400
425
450
mA
TINRUSH Inrush time
65
ms
PD69208T4/PD69204T4/PD69208M
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com