Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208T4 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 7Page - Microchip Technology PD69208T4 Datasheet HTML 8Page - Microchip Technology PD69208T4 Datasheet HTML 9Page - Microchip Technology PD69208T4 Datasheet HTML 10Page - Microchip Technology PD69208T4 Datasheet HTML 11Page - Microchip Technology PD69208T4 Datasheet HTML 12Page - Microchip Technology PD69208T4 Datasheet HTML 13Page - Microchip Technology PD69208T4 Datasheet HTML 14Page - Microchip Technology PD69208T4 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
...........continued
Symbol
Conditions
Min
Typ
Max
Units
Measurement period
3
ms
Accuracy
–3
3
°C
2.10
Digital Interface
Table 2-10. Digital Interface
Symbol Parameter
Conditions
Min Typ Max Units
VIH
Input logic high voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
2.2
V
VIL
Input logic low voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
0.8
V
Hyst
Input logic hysteresis voltage RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
0.4 0.6 0.8
V
IIH
Input logic high current
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
–10
10
µA
IIL
Input logic low current
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
–10
10
µA
VOH
Output logic high voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
IOH = –1 mA
2.4
V
VOL
Output logic low voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
IOH = 1 mA
0.4
V
2.11
Detection
Table 2-11. Detection
Symbol
Parameter
Conditions
Min Typ Max Units
VOC
Pre-detection voltage, open-circuit
voltage
VMAIN–VPORT_NEGx, open port
7.8
V
VVALID
Detection voltage
VMAIN–VPORT_NEGx, for IEEE 802.3
compliant signature resistance
(RSIG <33 K)
9.3
V
ISC
Short circuit current
VMAIN–VPORT_NEGx = 0 V
388 408 µA
RSIG_LOW Minimum valid detection resistance
15
19
kΩ
RSIG_HIGH Maximum valid detection resistance
26.5
33
kΩ
PD69208T4/PD69204T4/PD69208M
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com