Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208T4 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 13Page - Microchip Technology PD69208T4 Datasheet HTML 14Page - Microchip Technology PD69208T4 Datasheet HTML 15Page - Microchip Technology PD69208T4 Datasheet HTML 16Page - Microchip Technology PD69208T4 Datasheet HTML 17Page - Microchip Technology PD69208T4 Datasheet HTML 18Page - Microchip Technology PD69208T4 Datasheet HTML 19Page - Microchip Technology PD69208T4 Datasheet HTML 20Page - Microchip Technology PD69208T4 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
During this period, inrush current is limited to ILIM for a duration of TLIM (as specified in the table Port Real-Time
Protection), which allows PD load to charge and allows a steady state of power condition.
4.6
Over-Load Detection and Port Shut-Down
After power-up, the PSE manager automatically initializes its internal protection mechanisms. These mechanisms are
used to monitor and disconnect power from the PD when extreme conditions occur. These conditions include over-
current or short ports terminals scenarios.
4.7
Disconnect Detection
The managers support the DC disconnect function as per IEEE 802.3 standards. This mechanism continuously
monitors load current and disconnects power according to IUDL, TMPDO, and TMPS parameters as specified in Port
Real-Time Protection.
4.8
IC Thermal Monitoring
The managers contains a thermal sensor that is sampled by the controller so that the manager die temperature is
monitored at all times. To protect the PSE manager from damage, the system ports are disconnected before damage
can occur.
A temperature alarm threshold can be set by the controller to send interrupt indication by the xINT_OUT pin before
ports are disconnected. The temperature can be read and monitored by the host as well if required.
4.9
Over-Temperature Protection
In addition to the die thermal sensor, there are thermal sensors on each MOSFET that continuously monitors each
port main MOSFETs junction temperature, and shuts down the port load power when the temperature exceeds the
threshold.
4.10
VMAIN Out-of-Range Protection
The system automatically disconnects ports power when VMAIN exceeds the pre-configured over-voltage and under-
voltage thresholds.
4.11
2-Pair and 4-Pair Ports
Operation modes include the following:
• PoE Type 1/2 class 0–4 (up to 30 W)
• PoE Type 3 class 0–4 2-Pair and class 5–6 4-Pair (up to 60 W)
• PoE Type 4 class 7/8 4-Pair (75 W/90 W)
• POH Mode: 4-Pair (up to 95 W)
Note: For more information about 4-Pair operation modes and power, see Microchip AN3361.
4.12
Port Power Limit
Port power limit (PPL) is used to configure port power limit. When a port exceeds the power limit, it gets disconnected
automatically.
PD69208T4/PD69204T4/PD69208M
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com