Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA3992AMLZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 3 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
ADCA3992
Rev. 0 | Page 3 of 9
SPECIFICATIONS
GENERAL PERFORMANCE
Supply voltage (VCC) = 34 V, flange temperature (TFLANGE) = 35°C, source impedance (ZS) = load impedance (ZL) = 75 Ω, unless otherwise
noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER GAIN
S21
24.2
dB
f = 45 MHz
26.7
dB
f = 1218 MHz
SLOPE OF STRAIGHT LINE1
SL
2.5
dB
f = 45 MHz to 1218 MHz
FLATNESS OF FREQUENCY RESPONSE2
0.8
dB
f = 45 MHz to 1218 MHz
REVERSE ISOLATION
S12
−30
dB
f = 45 MHz to 1218 MHz
RETURN LOSS
Input
S11
−26
dB
f = 45 MHz to 320 MHz
−25
dB
f = 320 MHz to 640 MHz
−24
dB
f = 640 MHz to 870 MHz
−28
dB
f = 870 MHz to 1000 MHz
−24
dB
f = 1000 MHz to 1218 MHz
Output
S22
−25
dB
f = 45 MHz to 320 MHz
−21
dB
f = 320 MHz to 640 MHz
−20
dB
f = 640 MHz to 870 MHz
−23
dB
f = 870 MHz to 1000 MHz
−24
dB
f = 1000 MHz to 1218 MHz
NOISE FIGURE
NF
3
dB
f = 45 MHz
4.5
dB
f = 1218 MHz
SUPPLY
Maximum Operating Voltage
VCC
34
V
Can be biased down to 24 V
DC Current (Total)
ICC (TOTAL)
535
550
mA
Can be biased between 300 mA and 550 mA
1
The slope is defined as the delta of the gain at the start frequency and the gain at the stop frequency.
2
Flatness of frequency response is defined as the deviation of the slope of a straight line.
DISTORTION DATA, 40 MHz TO 550 MHz
VCC = 34 V, TFLANGE = 35°C, ZS = ZL = 75 Ω, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DISTORTION
Channel power (V0) = 63 dBmV at 1218 MHz, 22 dB extrapolated
tilt, 79 channels plus 111 digital channels (−6 dB offset)1
Composite Triple Beat
CTB
−80
dBc
CTB is defined by the National Cable and Telecommunications
Association (NCTA)
Crossmodulation
XMOD
−74
dBc
XMOD is measured at baseband (selective voltmeter method)
referenced to 100% modulation of the carrier being tested.
Composite Second Order
CSO
−80
dBc
CSO parameter (sum and difference products) is defined by the NCTA
Carrier to Intermodulation
Noise
CIN
62
dB
CIN is defined by ANSI/SCTE 17 (test procedure for carrier to noise)
TOTAL COMPOSITE POWER
TCP
76.8
dBmV
See Figure 7 and Figure 8
1
79 analog channels plus 111 digital channels, National Television System Committee (NTSC) frequency raster = 55.25 MHz to 547.25 MHz, −6 dB offset to the
equivalent analog carrier, and 22 dB extrapolated tilt.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com