Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA3992AMLZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 1 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
45 MHz to 1218 MHz,
CATV Power Doubler Hybrid
Data Sheet
ADCA3992
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High RF output: 76.8 dBmV total composite power
DPD optimized
High gain of 26.7 dB at 1218 MHz
Very low distortion
Low noise figure: 3 dB at 45 MHz, 4.5 dB at 1218 MHz
Unconditionally stable
Transient and surge protection
VCC range from 24 V to 34 V
Configurable dc current from 300 mA to 550 mA maximum
Industry-standard, 8-pin SOT115J module package
APPLICATIONS
45 MHz to 1218 MHz cable television (CATV) infrastructure
amplifier systems
Remote physical layer (PHY) and fiber deep nodes
DOCSIS® 3.1 compliant
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
ADCA3992
9
1
INPUT
8
7
GND
3
2
GND
4
IADJ
BIAS
5
VCC
Figure 1.
GENERAL DESCRIPTION
The ADCA3992 is a high gain, power doubler hybrid amplifier
optimized for a wide range of bias conditions for power
efficiency and customer flexibility. The ADCA3992 is ideally
suited for use in digital predistortion (DPD) node designs for
maximum power savings. The device achieves extremely high
RF output, up to 76.8 dBmV composite power, or 67 dBmV
virtual level, using a gallium arsenide (GaAs) pseudomorphic
high electron mobility transistor (pHEMT) die in combination
with a gallium nitride (GaN) HEMT die. The dc current and
supply voltage can be adjusted externally for optimum distortion
performance vs. power consumption over a range of output
levels. The ADCA3992 is packaged in the industry-standard
SOT115J package.


Similar Part No. - ADCA3992AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
ADCA3990AMLZ AD-ADCA3990AMLZ Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
More results

Similar Description - ADCA3992AMLZ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
RFCM3328 QORVO-RFCM3328 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
logo
Skyworks Solutions Inc.
ACA1216 SKYWORKS-ACA1216 Datasheet
477Kb / 10P
1218 MHz CATV MMIC Power Doubler
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4789 SKYWORKS-ACA4789 Datasheet
377Kb / 5P
1218 MHz 25 dB Gain CATV Power-Doubler Amplifier
logo
Analog Devices
ADCA3950 AD-ADCA3950 Datasheet
257Kb / 11P
DOCSIS 3.1 Power Doubler Hybrid Module, 45 MHz to 1218 MHz
12/2020-Revision 0
ADCA3952 AD-ADCA3952 Datasheet
335Kb / 12P
DOCSIS 3.1, Power Doubler Hybrid Module, 45 MHz to 1218 MHz
11/2020-Revision 0
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com