Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA3992AMLZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 5 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
ADCA3992
Rev. 0 | Page 5 of 9
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
3 4 5
7 8 9
2
ADCA3992
SIDE VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INPUT
RF Input.
2, 3, 7, 8
GND
Ground.
4
IADJ
Bias Control Pin. Keep this pin floating for full bias operation. Do not pull negative voltages at this pin.
5
VCC
Positive Supply Voltage. 34 V typical. This pin can be biased down to 24 V.
9
OUTPUT
RF Output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com