Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA3992AMLZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 6 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADCA3992
Data Sheet
Rev. 0 | Page 6 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 34 V, TFLANGE = 35°C, ZS = ZL = 75 Ω, unless otherwise noted.
0
–5
–10
–15
–20
–25
–30
–35
–40
0
1200
1000
800
600
400
200
FREQUENCY (MHz)
TA = –30°C
TA = +35°C
TA = +85°C
Figure 3. Input Return Loss (S11) vs. Frequency at Various Temperatures
30
28
26
24
22
20
0
1200
1000
800
600
400
200
FREQUENCY (MHz)
TA = –30°C
TA = +35°C
TA = +85°C
Figure 4. Gain (S21) vs. Frequency at Various Temperatures
0
–5
–10
–15
–20
–25
–30
–35
–40
0
1200
1000
800
600
400
200
FREQUENCY (MHz)
TA = –30°C
TA = +35°C
TA = +85°C
Figure 5. Reverse Isolation (S12) vs. Frequency at Various Temperatures
0
–5
–10
–15
–20
–25
–30
–35
–40
0
1200
1000
800
600
400
200
FREQUENCY (MHz)
TA = –30°C
TA = +35°C
TA = +85°C
Figure 6. Output Return Loss ( S22) vs. Frequency at Various Temperatures
52
50
48
46
44
42
40
0
1200
1000
800
600
400
200
FREQUENCY (MHz)
TA = –30°C
TA = +35°C
TA = +85°C
Figure 7. RMS Modulation Error Rate (MER) vs. Frequency at Various
Temperatures, V0 = 61 dBmV at 1218 MHz, 23 dB Extrapolated Tilt,
190 Digital Channels, Total Composite Power = 76.8 dBmV
1 × 10–6
8 × 10–7
6 × 10–7
4 × 10–7
2 × 10–7
0
0
1200
1000
800
600
400
200
FREQUENCY (MHz)
TA = –30°C
TA = +35°C
TA = +85°C
Figure 8. Post Viterbi Bit Error Rate (BER) vs. Frequency at Various
Temperatures, V0 = 61 dBmV at 1218 MHz, 23 dB Extrapolated Tilt,
190 Digital Channels, Total Composite Power = 76.8 dBmV, 10 sec
Integration Time



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com