Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA3992AMLZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 9 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Data Sheet
ADCA3992
Rev. 0 | Page 9 of 9
OUTLINE DIMENSIONS
4.26
Ø 4.01
3.76
TOP VIEW
SIDE VIEW
38.35
38.10
37.85
27.40
27.20
27.00
20.92
20.47
20.02
8.25
8.00
7.75
0.43
0.35
0.27
0.78
0.70
0.62
8.00
7.80
7.60
13.80
13.60
13.40
8.17
7.92
7.67
4.21
3.96
3.71
9.00
8.80
8.60
4.44
4.19
3.94
0.53
0.50
0.47
0.27
0.25
0.23
5.33
5.08
4.83
2.79
2.54
2.29
25.64
25.39
25.14
6-32 UNC-2B
1
3
4
5
7
8
9
2
12.92
12.70
12.45
BOTTOM VIEW
END VIEW
13.60 NOM
13.30 MIN
13.49
13.29
13.09
26.70
26.50
26.30
9.42
9.17
8.92
2.74
2.44
2.14
44.83 MAX
44.33 MIN
Figure 12. 8-Pin SOT115J Module Package [MODULE]
(ML-8-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADCA3992AMLZ
−30°C to +100°C
8-Pin SOT115J Module Package [MODULE], Box with 25 Pieces
ML-8-1
1
Z = RoHS Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16777-1/20(0)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com