Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA3992AMLZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 4 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADCA3992
Data Sheet
Rev. 0 | Page 4 of 9
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VCC, IADJ
DC Supply over Voltage (5 minute)
38 V
RF Input Power
75 dBmV
Operating Temperature Ranges
Ambient (TA)
−30°C to +85°C
Flange (TFLANGE)
−30°C to +100°C
Storage Temperature (TS) Range
−40°C to +100°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com