Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL641 Datasheet(PDF) 50 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 50 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 46Page - Dialog Semiconductor AT25QL641 Datasheet HTML 47Page - Dialog Semiconductor AT25QL641 Datasheet HTML 48Page - Dialog Semiconductor AT25QL641 Datasheet HTML 49Page - Dialog Semiconductor AT25QL641 Datasheet HTML 50Page - Dialog Semiconductor AT25QL641 Datasheet HTML 51Page - Dialog Semiconductor AT25QL641 Datasheet HTML 52Page - Dialog Semiconductor AT25QL641 Datasheet HTML 53Page - Dialog Semiconductor AT25QL641 Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
49
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-52. Set Burst with Wrap Instruction Sequence
7.33
Burst Read with Wrap (0Ch)
The ‘Burst Read with Wrap’ (0Ch) instruction provides an alternative way to perform the read operation with wrap around
in QPI mode. The instruction is similar to the ‘Fast Rea’ (0Bh) instruction in QPI mode, except the addressing of the
read operation wraps around to the beginning boundary of the wrap length once the ending boundary is reached.
The “Wrap Length” and the number of dummy of clocks can be configured by the ‘Set Read Parameters’ (C0h)
instruction.
Figure 7-53. Burst Read with Wrap instruction (QPI Mode, 80MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com