Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL641 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 11Page - Dialog Semiconductor AT25QL641 Datasheet HTML 12Page - Dialog Semiconductor AT25QL641 Datasheet HTML 13Page - Dialog Semiconductor AT25QL641 Datasheet HTML 14Page - Dialog Semiconductor AT25QL641 Datasheet HTML 15Page - Dialog Semiconductor AT25QL641 Datasheet HTML 16Page - Dialog Semiconductor AT25QL641 Datasheet HTML 17Page - Dialog Semiconductor AT25QL641 Datasheet HTML 18Page - Dialog Semiconductor AT25QL641 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
14
AT25QL641
DS-25QL641–130E–10/2018
7.
Instructions
The SPI instruction set of the AT25QL641 consists of thirty eight basic instructions and the QPI instruction set of the
AT25QL641 consists of thirty one basic instructions that are fully controlled through the SPI bus (see Instruction Set
table). Instructions are initiated with the falling edge of Chip Select (CS). The first byte of data clocked into the input
pins (SI or I/O [3:0]) provides the instruction code. Data on the SI input is sampled on the rising edge of clock with
most significant bit (MSB) first.
Instructions are completed with the rising edge of edge CS. All read instructions can be completed after any clocked
bit. However, all instructions that Write, Program or Erase must complete on a byte (CS driven high after the full 8 bits
has been clocked) otherwise the instruction is terminated. This feature further protects the device from inadvertent
writes. Additionally, while the memory is being programmed or erased, or when the Status Register is being written, all
commands except for Read Register are ignored until the program or erase cycle has completed.
7.1
Instruction Tables
Table 7-1.
Manufacturer and Device Identification
ID code
Instruction
Manufacturer ID
Adesto
1Fh
90h, 92h, 94h, 9Fh
Device ID
AT25QL641
16h
90h, 92h, 94h, ABh
Memory Type ID
SPI / QPI
43h
9Fh
Capacity Type ID
64M
17h
9Fh
Table 7-2.
Instruction Set Table 1 (SPI Instructions) (1)
Instruction Byte
0
1
2
3
4
5
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47
Write Enable
06h
Write Enable
(for volatile Status registers)
50h
Write Disable
04h
Read Status Register 1
05h
SR7:SR0 (2)
Read Status Register 2
35h
SR15:SR8(2)
Write Status Register 1
01h
SR7:SR0
SR15:SR8
Write Status Register 2
31h
SR15:SR8
Read Data
03h
A23:A16
A15:A8
A7:A0
D7:D0
Fast Read Data
0Bh
A23:A16
A15:A8
A7:A0
Dummy
D7:D0
Page Program
02h
A23:A16
A15:A8
A7:A0
D7:D0 (3)
Enable QPI
38h
Block Erase (4 KB)
20h
A23:A16
A15:A8
A7:A0
Block Erase (32 KB)
52h
A23:A16
A15:A8
A7:A0
Block Erase (64 KB)
D8h
A23:A16
A15:A8
A7:A0
Chip Erase
60h/7Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com