Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL641 Datasheet(PDF) 62 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 62 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 58Page - Dialog Semiconductor AT25QL641 Datasheet HTML 59Page - Dialog Semiconductor AT25QL641 Datasheet HTML 60Page - Dialog Semiconductor AT25QL641 Datasheet HTML 61Page - Dialog Semiconductor AT25QL641 Datasheet HTML 62Page - Dialog Semiconductor AT25QL641 Datasheet HTML 63Page - Dialog Semiconductor AT25QL641 Datasheet HTML 64Page - Dialog Semiconductor AT25QL641 Datasheet HTML 65Page - Dialog Semiconductor AT25QL641 Datasheet HTML 66Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
61
AT25QL641
DS-25QL641–130E–10/2018
7.37
Enter Secured OTP (B1h)
The ‘Enter Secured OTP’ instruction is for entering the additional 4 Kbit secured OTP mode. This additional mode is
independent from the main array, which may be used to store unique serial number for system identifier. After entering
the Secured OTP mode, the standard read or program procedure can be used to read or write data. The Secured OTP
data cannot be updated again once it is locked down.
Please note that ‘Write Status Register-1’, ‘Write Status Register-2’ and ‘Write Security Register’ instructions are not
acceptable during the access of secure OTP region. Once security OTP is locked down, only commands related with
read are valid. The ‘Enter Secured OTP’ instruction sequence is shown in Figure 7-59.
Figure 7-59. Enter Secured OTP Instruction for SPI Mode (left) and QPI Mode (right)
Array Protection Method
10b: Use non-volatile
status register
84h
85h
01:00
00
00h
00h
Power up Protection default
0: Power up unprotected
1: Power up protected
02
0
Protection Disable Opcodes
011b: Use status register
05:03
00 0
Protection Enable Opcodes
011b: Use status register
08:06
0 00
Protection Read Opcodes
011b: Use status register
11:09
000
Protection Register Erase
Opcode
00b: Not supported
01b: Opcodes
3Dh, 2Ah, 7Fh, FCh
13:12
00
Protection Register Program
Opcode
00b: Not supported
01b: Opcodes
3Dh, 2Ah, 7Fh, FCh
15:14
00
Reserved
FFh
86h
23:16
1111 1111
FFh
Reserved
FFh
87h
31:24
1111 1111
FFh
Reserved
FFh
88h - FFh
Reserved
Table 7-11.
SFDP Parameters Table 2 (Continued)
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com