Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL641 Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 22Page - Dialog Semiconductor AT25QL641 Datasheet HTML 23Page - Dialog Semiconductor AT25QL641 Datasheet HTML 24Page - Dialog Semiconductor AT25QL641 Datasheet HTML 25Page - Dialog Semiconductor AT25QL641 Datasheet HTML 26Page - Dialog Semiconductor AT25QL641 Datasheet HTML 27Page - Dialog Semiconductor AT25QL641 Datasheet HTML 28Page - Dialog Semiconductor AT25QL641 Datasheet HTML 29Page - Dialog Semiconductor AT25QL641 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
25
AT25QL641
DS-25QL641–130E–10/2018
Figure 7-14. Fast Read Dual Output instruction (SPI Mode)
7.12
Fast Read Quad Output (6Bh)
By using four pins (I/O0, I/O1, I/O2, and I/O3), the ‘Fast Read Quad Output’ instruction allows data to be transferred from the
AT25QL641 at four times the rate of standard SPI devices.
A Quad enable of Status Register-2 must be executed before
the device accepts the Fast Read Quad Output instruction (Status register bit QE must equal 1).
The ‘Fast Read Quad Output’ instruction can operate at the highest possible frequency of FR (see Table 8-7, AC
Electrical Characteristics
). This is accomplished by adding eight “dummy” clocks after the 24-bit address as shown in
Figure 7-15. The dummy clocks allow the internal circuits additional time for setting up the initial address. During the
dummy clocks, the data value on the SO pin is a “don’t care”. However, the I/O0 pin should be high-impedance prior to
the falling edge of the first data out clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com