Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL321 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 36Page - Dialog Semiconductor AT25SL321 Datasheet HTML 37Page - Dialog Semiconductor AT25SL321 Datasheet HTML 38Page - Dialog Semiconductor AT25SL321 Datasheet HTML 39Page - Dialog Semiconductor AT25SL321 Datasheet HTML 40Page - Dialog Semiconductor AT25SL321 Datasheet HTML 41Page - Dialog Semiconductor AT25SL321 Datasheet HTML 42Page - Dialog Semiconductor AT25SL321 Datasheet HTML 43Page - Dialog Semiconductor AT25SL321 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
39
AT25SL321
DS-25SL321–112H–2020-10
8.20 Chip Erase (C7h / 60h)
The Chip Erase instruction clears all bits in the device to be FFh (all 1s). Prior to the Chip Erase Instruction, a Write
Enable instruction must be issued. The instruction is initiated by driving the CS pin low and shifting the instruction
code C7h or 60h. (See Figure 8-32). The CS pin must go high after the eighth bit of the last byte has been latched
in, otherwise, the Chip Erase instruction can not be executed. After CS is driven high, the self-timed Chip Erase
instruction commences for a duration of tCE. See Section 9.8, AC Electrical Characteristics.
While the Chip Erase cycle is in progress, the Read Status Register instruction can still be accessed to check the
status of the BUSY bit. The BUSY bit is a 1 during the Chip Erase cycle and becomes a 0 when the cycle is
finished and the device is ready to accept other instructions again. When the BUSY bit is asserted, the Write
Enable Latch (WEL) bit in the Status Register is cleared to 0.
Figure 8-32. Chip Erase Instruction for SPI Mode (left) and QPI Mode (right)
8.21 Erase / Program Suspend (75h)
The Erase/Program Suspend instruction allows the system to interrupt a Block Erase operation or a Page
Program, Quad Data Input Page Program, Quad Page Program operation.
Erase Suspend is valid only during the Block erase operation. The Write Status Register-1 (01h), Write Status
Register-2 (31h) instruction and Erase instructions (20h, 52h, D8h, C7h, 60h) are not allowed during Erase
Suspend. During the Chip Erase operation, the Erase Suspend instruction is ignored.
Program Suspend is valid only during the Page Program, Quad Data Input Page Program or Quad Page Program
operation. The Write Status Register-1 (01h), Write Status Register-2 (31h) instruction, Program instructions (02h
and 33h) and Erase Instructions (20h, 52h, D8h, C7h, 60h) are not allowed during Program Suspend.
The Erase/Program Suspend instruction “75h” is accepted by the device only if the SUS bit in the Status Register
equals to 0 and the BUSY bit equals to 1 while a Block Erase or a Page Program operation is on-going. If the
SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend instruction is ignored by the device. A maximum of
time of tSUS (see Section 9.8) is required to suspend the erase or program operation. After Erase/Program
Suspend, the SUS bit in the Status Register is set from 0 to 1 immediately and the BUSY bit in the Status
Register is cleared from 1 to 0 within tSUS. For a previously resumed Erase/Program operation, it is also required
that the Suspend instruction 75h is not issued earlier than a minimum of time of tSUS following the preceding
Resume instruction 7Ah.
Unexpected power off during the Erase/Program suspend state resets the device and releases the suspend
state. SUS bit in the Status Register is also reset to 0. The data within the page or block that was being suspended
might become corrupted. It is recommended for the user to implement system design techniques against the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com