Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL321 Datasheet(PDF) 76 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 76 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 72Page - Dialog Semiconductor AT25SL321 Datasheet HTML 73Page - Dialog Semiconductor AT25SL321 Datasheet HTML 74Page - Dialog Semiconductor AT25SL321 Datasheet HTML 75Page - Dialog Semiconductor AT25SL321 Datasheet HTML 76Page - Dialog Semiconductor AT25SL321 Datasheet HTML 77Page - Dialog Semiconductor AT25SL321 Datasheet HTML 78Page - Dialog Semiconductor AT25SL321 Datasheet HTML 79Page - Dialog Semiconductor AT25SL321 Datasheet HTML 80Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
75
AT25SL321
DS-25SL321–112H–2020-10
11.
Packaging Information
11.1 8S4 – 8-lead, 208 mil EIAJ SOIC
E
b
A
A1
GPC
STN
DRAWING NO.
8S4
REV.
B
8S4, 8-lead, 0.208" Wide Body, Plastic Small
Outline Package (EIAJ)
TITLE
Package Drawing Contact:
contact@adestotech.com
E1
1
L
C
CP
A2
SEATING PLANE
D
SYMBOL
MIN
NOM
MAX
MIN
A
A1
A2
B
C
D
E
e
1.75
0.05
1.70
0.35
0.19
5.18
7.70
0
o
2.16
0.25
1.91
0.48
0.25
8.10
5.18
1.27 BSC
E1
L
8
o
5.38
0.020
0.204
0.014
0.067
MILLIMETERS
INCHES
MAX
NOM
Y
0
o
8
o
0.10
0.004
0.050 BSC
0.50
0.65
0.80
0.026
0.031
5.28
0.204
0.208
0.212
7.90
0.303
0.311
0.319
0.212
0.208
5.38
5.28
0.20
0.007
0.008
0.010
0.42
0.017
0.019
1.80
0.071
0.075
0.15
1.95
0.002
0.069
0.006
0.077
0.010
0.085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com