Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL321 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 40Page - Dialog Semiconductor AT25SL321 Datasheet HTML 41Page - Dialog Semiconductor AT25SL321 Datasheet HTML 42Page - Dialog Semiconductor AT25SL321 Datasheet HTML 43Page - Dialog Semiconductor AT25SL321 Datasheet HTML 44Page - Dialog Semiconductor AT25SL321 Datasheet HTML 45Page - Dialog Semiconductor AT25SL321 Datasheet HTML 46Page - Dialog Semiconductor AT25SL321 Datasheet HTML 47Page - Dialog Semiconductor AT25SL321 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
43
AT25SL321
DS-25SL321–112H–2020-10
8.24 Release Deep Power Down / Device ID (ABh)
The Release Deep Power Down / Device ID instruction is a multi-purpose instruction. It can be used to release
the device from the Deep Power Down state or obtain the device identification (ID).
The instruction is issued by driving the CS pin low, sending the instruction code ABh and driving CS high as
shown in figure Figure 8-39 and Figure 8-40. The Release from Deep Power Down operation requires the time
duration of tRES1. The CS pin must keep high during the tRES1 time duration.
The Device ID can be read during SPI mode only. In other words, Device ID feature is not available in QPI mode
for Release Deep Power Down/Device ID instruction. To obtain the Device ID in SPI mode, instruction is initiated
by driving the CS pin low and sending the instruction code ABh with following 3-dummy bytes. The Device ID
bits are then shifted on the falling edge of SCK with most significant bit (MSB) first, as shown in Figure 8-41.
After CS is driven high it must keep high for a time duration of tRES2. See Section 9.8, AC Electrical
Characteristics. The Device ID can be read continuously. The instruction is completed by driving CS high.
If the Release from Deep Power Down /Device ID instruction is issued while an Erase, Program or Write cycle is in
process (when BUSY equals 1) the instruction is ignored and does not have any effects on the current cycle.
Figure 8-39. Release Power Down Instruction (SPI Mode)
Figure 8-40. Release Power Down Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com