Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL321 Datasheet(PDF) 50 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 50 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 46Page - Dialog Semiconductor AT25SL321 Datasheet HTML 47Page - Dialog Semiconductor AT25SL321 Datasheet HTML 48Page - Dialog Semiconductor AT25SL321 Datasheet HTML 49Page - Dialog Semiconductor AT25SL321 Datasheet HTML 50Page - Dialog Semiconductor AT25SL321 Datasheet HTML 51Page - Dialog Semiconductor AT25SL321 Datasheet HTML 52Page - Dialog Semiconductor AT25SL321 Datasheet HTML 53Page - Dialog Semiconductor AT25SL321 Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
49
AT25SL321
DS-25SL321–112H–2020-10
8.29 Enable QPI (38h)
The AT25SL321 support both Standard/Dual/Quad Serial Peripheral interface (SPI) and Quad Peripheral
Interface (QPI). However, SPI mode and QPI mode cannot be used at the same time. Enable QPI instruction is the
only way to switch the device from SPI mode to QPI mode.
In order to switch the device to QPI mode, the Quad Enable (QE) bit in Status Register 2 must be set to 1 first, and
an Enable QPI instruction must be issued. If the Quad Enable (QE) bit is 0, the Enable QPI instruction is ignored
and the device remains in SPI mode.
After power-up, the default state of the device is SPI mode. See the Instruction Set Table 8-2 for all the commands
supported in SPI mode and the Instruction Set Table 8-5 for all the instructions supported in QPI mode.
When the device is switched from SPI mode to QPI mode, the existing Write Enable and Program/Erase Suspend
status, and the Wrap Length setting remains unchanged.
Figure 8-48. Enable QPI Instruction (SPI Mode only)
8.30 Disable QPI (FFh)
By issuing Disable QPI (FFh) instruction, the device switches back to SPI mode. When the device is switched from
QPI mode to SPI mode, the existing Write Enable Latch (WEL) and Program/Erase Suspend status, and the Wrap
Length setting remain unchanged.
Figure 8-49. Disable QPI Instruction for QPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com