Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL321 Datasheet(PDF) 81 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 81 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 74Page - Dialog Semiconductor AT25SL321 Datasheet HTML 75Page - Dialog Semiconductor AT25SL321 Datasheet HTML 76Page - Dialog Semiconductor AT25SL321 Datasheet HTML 77Page - Dialog Semiconductor AT25SL321 Datasheet HTML 78Page - Dialog Semiconductor AT25SL321 Datasheet HTML 79Page - Dialog Semiconductor AT25SL321 Datasheet HTML 80Page - Dialog Semiconductor AT25SL321 Datasheet HTML 81Page - Dialog Semiconductor AT25SL321 Datasheet HTML 82Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
80
AT25SL321
DS-25SL321–112H–2020-10
12.
Revision History
Revision
Date
Change History
A
06/2016
Initial release of AT25SL321A datasheet.
B
08/2016
Updated 8-WLCSP package outline drawing. Added 10-WLCSP package.
Updated voltage range. Removed Sector and Block Protect descriptions.
Removed Status Register Memory Protection tables. Updated tCSH
specification.
C
10/2016
Updated UDFN package drawing and dimensions. Added USON package
drawing and dimensions. Updated command description for 50h. Updated SFDP
tables.
D
11/2016
Updated SFDP tables (to version 1.6).
E
02/2017
Updated Note 1 on Table 8.1.
F
03/2017
Updated document status from Advanced to Complete.
G
6/2020
Corrected Figure 7-50, Word Read Quad I/O.
Updated text in Sections 7.25, 7.26, and 7.27 for clarity (no technical changes).
Updated legal page.
Changed ordering code from AT25SL321-MBUE-T to AT25SL321-MBUEKE-T.
H
10/2020
Removed references to the following packages: 24CC BGA, 10-ball WLCSP.
Removed references to Die Wafer Form.
Added 8S1, 8-lead 150-mil SOIC references and package drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com