Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL641 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 68Page - Dialog Semiconductor AT25SL641 Datasheet HTML 69Page - Dialog Semiconductor AT25SL641 Datasheet HTML 70Page - Dialog Semiconductor AT25SL641 Datasheet HTML 71Page - Dialog Semiconductor AT25SL641 Datasheet HTML 72Page - Dialog Semiconductor AT25SL641 Datasheet HTML 73Page - Dialog Semiconductor AT25SL641 Datasheet HTML 74Page - Dialog Semiconductor AT25SL641 Datasheet HTML 75Page - Dialog Semiconductor AT25SL641 Datasheet HTML 76Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
72
AT25SL641
DS-25SL641–113F–12/2018
10.3
8-WLCSP — Die Ball Grid Array
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
contact@adestotech.com
®
A
B
C
D
2
1
3
4
F
E
8W-8A
YFG
A
8-WLCSP,
8-ball (2 x 4 Array), Wafer Level Chip Scale
Package (WLCSP)
COMMON DIMENSIONS
(Unit of Measure = mm)
11/10/16
TOP VIEW
SIDE VIEW
0.45
BOTTOM VIEW
Pin Assignment Matrix
A
B
C
D
E
F
1
2
V
CC
GND
CS
SCK
A
B
C
D
2
1
3
4
F
E
3
4
NC
NC
NC
NC
I/O
3
(HOLD)
I/O
1
(SO)
I/O
2
(WP)
I/O
0
(SI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com