Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL641 Datasheet(PDF) 74 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 74 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 68Page - Dialog Semiconductor AT25SL641 Datasheet HTML 69Page - Dialog Semiconductor AT25SL641 Datasheet HTML 70Page - Dialog Semiconductor AT25SL641 Datasheet HTML 71Page - Dialog Semiconductor AT25SL641 Datasheet HTML 72Page - Dialog Semiconductor AT25SL641 Datasheet HTML 73Page - Dialog Semiconductor AT25SL641 Datasheet HTML 74Page - Dialog Semiconductor AT25SL641 Datasheet HTML 75Page - Dialog Semiconductor AT25SL641 Datasheet HTML 76Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
73
AT25SL641
DS-25SL641–113F–12/2018
11.
Revision History
Revision Level
Date
Change History
A
6/2016
Initial release of AT25SL641A data sheet.
B
8/2016
Added 8-WLCSP package. Added 18-WLCSP package. Updated voltage
range. Removed Sector and Block Protect descriptions. Removed Status
Register Memory Protection tables. Updated t
CSH specification.
C
11/2016
Updated UDFN and 8-WLCSP package drawing and dimensions. Updated
SFDP tables (to version 1.6). Added description to Write Status Register in
QPI mode.
D
2/2017
Updated Note 1 on Table 8.1.
E
11/2017
Updated Table 1-1 (WP pin description). Updated 5.1 (Write Protect Features).
Updated Tables 6-1 and 6-2. Restored Sector and Block Protect descriptions.
Restored Status Register Memory Protection tables (Tables 6-3 and 6-4).
Updated document status from Advanced to Complete. Added Errata 11.1.
Removed references to 133 MHz option. Removed RESET option. Removed
18-WLCSP and 24-ball BGA package options. Removed references to ACC
feature.
F
12/2018
Updated maximum frequency to 133 MHz on first page.
Updated maximum frequencies in Section 1, Introduction.
Added 133 MHz entry to the EBh instruction (Fast Read Quad I/O) in Table 7-
5, QPI instructions.
Added 133 MHz entry to the 0Ch instruction (Burst Read with Wrap) in Table
7-5, QPI instructions.
Updated maximum frequency to 133 MHz in Figure 7-13, Fast Read
instruction (0Bh).
Updated maximum frequency to 133 MHz in Figure 7-21, Fast Read Quad I/O
instruction (EBh).
Replaced Figure 7-50, Word Read Quad I/O (E7h).
Updated maximum frequency to 133 MHz in Figure 7-54, Burst Read with
Wrap instruction (0Ch).
Section 7.33, Set Parameters (C0h) renamed to Section 7.8, Set Parameters
(C0h). Added title and number to the first table (now Table 7-6) and added
P5:P4 = 11 encode row. Added title and number to the second table (now
Table 7-7) and added P1:P0 = 11 encode row.
Updated maximum frequency to 133 MHz in Section 8.2, Operating Ranges.
Added 133 MHz ICC3 entry to Table 8.5, DC Characteristics.
Reworked first four rows of Section 8.7, AC Characteristics to include 133 MHz
and differentiate between the 03h and 0Bh instructions.
Updated maximum frequency to 133 MHz in Section 9.1, Ordering Codes.
Standardization of all tables in document. Reformat as necessary.
Updated package type text at the bottom of the 8S4 package drawing.
Modified text for the 90h command in Section 7.25 to clarity QPI operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com