Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL641 Datasheet(PDF) 23 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 23 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 19Page - Dialog Semiconductor AT25SL641 Datasheet HTML 20Page - Dialog Semiconductor AT25SL641 Datasheet HTML 21Page - Dialog Semiconductor AT25SL641 Datasheet HTML 22Page - Dialog Semiconductor AT25SL641 Datasheet HTML 23Page - Dialog Semiconductor AT25SL641 Datasheet HTML 24Page - Dialog Semiconductor AT25SL641 Datasheet HTML 25Page - Dialog Semiconductor AT25SL641 Datasheet HTML 26Page - Dialog Semiconductor AT25SL641 Datasheet HTML 27Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
22
AT25SL641
DS-25SL641–113F–12/2018
Figure 7-8.
Write Status Register-2 Instruction (SPI Mode)
Figure 7-9.
Write Status Register-2 Instruction (QPI Mode)
7.8
Set Read Parameters (C0h)
In QPI mode, to accommodate a wide range of applications with different needs for either maximum read frequency or
minimum data access latency, t h e Set Read Parameters (C0h) instruction can be used to configure the number of
dummy clocks for the Fast Read (0Bh), Fast Read Quad I/O (EBh), and Burst Read with Wrap (0Ch) instructions, and
to configure the number of bytes of wrap length for the Burst Read with Wrap (0Ch) instruction.
In Standard SPI mode, the Set Read Parameters (C0h) instruction is not accepted. The dummy clocks for various Fast
Read instructions in Standard/Dual/Quad SPI mode are fixed. The wrap length is set by the W6-W5 bits in the Set Burst
with Wrap (77h) instruction. This setting remains unchanged when the device is switched from Standard SPI mode to
QPI mode.
The default wrap length after a power up or a Reset instruction is 8 bytes, and the default number of dummy clocks is 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com