Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL641 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 23Page - Dialog Semiconductor AT25SL641 Datasheet HTML 24Page - Dialog Semiconductor AT25SL641 Datasheet HTML 25Page - Dialog Semiconductor AT25SL641 Datasheet HTML 26Page - Dialog Semiconductor AT25SL641 Datasheet HTML 27Page - Dialog Semiconductor AT25SL641 Datasheet HTML 28Page - Dialog Semiconductor AT25SL641 Datasheet HTML 29Page - Dialog Semiconductor AT25SL641 Datasheet HTML 30Page - Dialog Semiconductor AT25SL641 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
26
AT25SL641
DS-25SL641–113F–12/2018
7.12
Fast Read Quad Output (6Bh)
By using four pins (IO0, IO1, IO2, and IO3), the Fast Read Quad Output instruction allows data to be transferred from the
AT25SL641 at four times the rate of standard SPI devices. Prior to executing the 6Bh instruction, the Quad Enable (QE) bit of
Status Register 2 must be set
.
The Fast Read Quad Output instruction can operate at the highest possible frequency of FR (see AC Electrical
Characteristics). This is accomplished by adding eight dummy clocks after the 24- bit address as shown in Figure 7-15.
The dummy clocks allow the internal circuits the time required to set up the initial address. During the dummy clocks,
the data value on the SO pin is a “don’t care”. However, the IO
0 pin should be high-impedance prior to the falling edge
of the first data out clock.
Figure 7-15. Fast Read Quad Output Instruction (SPI Mode)
7.13
Fast Read Dual I/O (BBh)
The Fast Read Dual I/O instruction reduces cycle overhead by using two IO pins: IO0 and IO1 to transfer data.
Continuous Read Mode
The Fast Read Dual I/O instruction s u p p o r t s a c o n t i n u o u s r e a d m o d e u s i n g the Mode bits (M7-0), which are
shifted into the device after address bits (A23-0). The upper nibble of the Mode (M7-4) controls whether the instruction
code must be driven to the device on subsequent access. If the Mode bits (M7-0) equal “Ax” hex, then the next Fast
Dual I/O instruction (after CS is raised and then lowered) does not require the instruction (BBh) code, as shown in Figure
7-16 and Figure 7-17. This reduces the instruction sequence by eight clocks and allows the address to be
immediately entered after CS is asserted low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com