Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL641 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 12Page - Dialog Semiconductor AT25SL641 Datasheet HTML 13Page - Dialog Semiconductor AT25SL641 Datasheet HTML 14Page - Dialog Semiconductor AT25SL641 Datasheet HTML 15Page - Dialog Semiconductor AT25SL641 Datasheet HTML 16Page - Dialog Semiconductor AT25SL641 Datasheet HTML 17Page - Dialog Semiconductor AT25SL641 Datasheet HTML 18Page - Dialog Semiconductor AT25SL641 Datasheet HTML 19Page - Dialog Semiconductor AT25SL641 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
15
AT25SL641
DS-25SL641–113F–12/2018
Erase/Program Suspend
75h
Erase/Program Resume
7Ah
Deep Power Down
B9h
Release Deep Power
Down/Device ID
(4)
ABh
dummy
dummy
dummy
(ID7-ID0)
(2)
Read Manufacturer/
Device ID
(4)
90h
00h
00h
00h or 01h
(MID7-
MID0)
(DID7-DID0)
Read JEDEC ID
9Fh
(MID7-MID0)
(Manufacturer)
(D7-D0)
(Memory Type)
(D7-D0)
(Capacity Type)
Reset Enable
66h
Reset
99h
Enter Secured OTP
B1h
Exit Secured OTP
C1h
Read Security Register
2Bh
(SC7-SC0)
(10)
Write Security Register
2Fh
Read Serial Flash
Discovery Parameters
5Ah
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Table 7-2.
Instruction Set Table 1 (SPI Instructions) (Continued)
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
(Clock Number)
(0 - 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47)
Table 7-3.
Instruction Set Table 2 (Dual SPI Instructions)
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
(Clock Number)
(0 - 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47)
Fast Read Dual Output
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(6)
Fast Read Dual I/O
BBh
A23-A8
(5)
A7-A0, M7-M0
(D7-D0, S)
(6)
Read Dual Manufacturer/
Device ID
(4)
92h
0000h
(00h, xxxx) or
(01h, xxxx)
(MID7-MID0)
(DID7-DID0)
(6)
Table 7-4.
Instruction Set Table 3 (Quad SPI Instructions)
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
(Clock Number)
(0 - 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47)
Fast Read Quad Output
6Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(8)
Fast Read Quad I/O
EBh
A23-A0, M7-M0
(7)
(xxx, D7-D0,S)
(9)
(D7-D0, S)
(8)
Quad Page Program
33h
A23-A0
(D7-D0, S)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com