Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SL641 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 27Page - Dialog Semiconductor AT25SL641 Datasheet HTML 28Page - Dialog Semiconductor AT25SL641 Datasheet HTML 29Page - Dialog Semiconductor AT25SL641 Datasheet HTML 30Page - Dialog Semiconductor AT25SL641 Datasheet HTML 31Page - Dialog Semiconductor AT25SL641 Datasheet HTML 32Page - Dialog Semiconductor AT25SL641 Datasheet HTML 33Page - Dialog Semiconductor AT25SL641 Datasheet HTML 34Page - Dialog Semiconductor AT25SL641 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
30
AT25SL641
DS-25SL641–113F–12/2018
Fast Read Quad I/O in QPI Mode
When QPI mode in enabled, the number of dummy clocks is configured by the Set Read Parameters (C0h) instruction to
accommodate a wide range applications with different needs for either maximum fast read frequency or minimum data
access latency. The number of dummy clock cycles can be configured as either 4, 6 or 8 by setting bits P[5:4] in the 8-
bit parameter of the Set Read Parameters (C0h) command as shown in Table 7-6, Encoding of P[5:4] Bits. The default
number of dummy clocks upon power up or after a Reset (99h) instruction is four.
The Continuous Read Mode feature is also available in QPI mode for Fast Read Quad I/O instruction. In QPI mode, the
Continuous Read Mode bits M7-M0 are also considered as dummy clocks.
The Wrap Around feature is not available in QPI mode for Fast Read Quad I/O instruction. To perform a read operation
with fixed data length wrap around in QPI mode, a Burst Read with Wrap (0Ch) instruction must be used. Please refer to
Section 7.33, Burst Read with Wrap.
Figure 7-20. Fast Read Quad I/O Instruction (Initial instruction or previous M7-0 ≠ Axh, QPI mode)
7.15
Page Program (02h)
The Page Program instruction is used for programming the memory to “0”. A Write Enable instruction (06h) must be
issued before the device accept the Page Program Instruction (Status Register bit WEL = 1). After the Write Enable
(WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL) bit in the Status Register. The
instruction is entered by driving the CS pin low and then sending the instruction code 02h followed by a 24-bits address
(A23-A0) and at least one data byte on the SI pin. The CS pin must be driven low for the entire time of the instruction
while data is being sent to the device. The CS pin must be driven low for the entire time of the instruction while data is
being sent to the device. Please refer to Figure 7-21 and Figure 7-22.
If an entire 256 byte page is to be programmed, the last address byte (the 8 least significant address bits) should be set
to 0. If the last address byte is not zero, and the number of clocks exceeds the remaining page length, the addressing
wraps to the beginning of the page. In some cases, less than 256 bytes (a partial page) can be programmed without
having any effect on other bytes within the same page. One condition to perform a partial page program is that the
number of clocks cannot exceed the remaining page length. If more than 256 bytes are sent to the device the addressing
wraps to the beginning of the page and overwrite previously sent data.
The CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the Page
Program instruction is not executed. After CS is driven high, the self-timed Page Program instruction commences for a
time duration of tPP (See AC Characteristics). While the Page Program cycle is in progress, the Read Status Register
instruction may still be accessed for checking the status of the BUSY bit. The BUSY bit is a 1 during the Page Program
n+1
n+2 n+3 n+4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com